Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2172T Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2172T
Description  Bit Error Rate Tester BERT
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2172T Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2172T Datasheet HTML 5Page - Dallas Semiconductor DS2172T Datasheet HTML 6Page - Dallas Semiconductor DS2172T Datasheet HTML 7Page - Dallas Semiconductor DS2172T Datasheet HTML 8Page - Dallas Semiconductor DS2172T Datasheet HTML 9Page - Dallas Semiconductor DS2172T Datasheet HTML 10Page - Dallas Semiconductor DS2172T Datasheet HTML 11Page - Dallas Semiconductor DS2172T Datasheet HTML 12Page - Dallas Semiconductor DS2172T Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DS2172
9 of 21
7.0 ERROR INSERT REGISTER
The Error Insertion Register (EIR) controls circuitry within the DS2172 that allows the generated pattern
to be intentionally corrupted. Bit errors can be inserted automatically at regular intervals by properly
programming the EIR0 to EIR2 bits or bit errors can be inserted at random (under microcontroller
control) via the EIR.3 bit.
EIR: ERROR INSERT REGISTER (Address=07 Hex)
(MSB)
(LSB)
-
-
TINV
RINV
SBE
EIR2
EIR1
EIR0
SYMBOL
POSITION
NAME AND DESCRIPTION
-EIR.7
Not Assigned. Should be set to 0 when written to.
-EIR.6
Not Assigned. Should be set to 0 when written to.
TINV
EIR.5
Transmit Data Inversion Select.
0 = do not invert data to be transmitted at TDATA
1 = invert data to be transmitted at TDATA
RINV
EIR.4
Receive Data Inversion Select.
0 = do not invert data received at RDATA
1 = invert data received at RDATA
SBE
EIR.3
Single Bit Error Insert. A low to high transition will create a
single bit error. Must be cleared and set again for a subsequent
bit error to be inserted. Can be used to accomplish rates not
addressed in Table 3 (e.g., BER of less than 10
-7).
EIB2
EIR.2
Error Insert Bit 2. See Table 3.
EIB1
EIR.1
Error Insert Bit 1. See Table 3.
EIB0
EIR.0
Error Insert Bit 0. See Table 3.
ERROR BIT INSERTION Table 3
EIB2
EIB1
EIB0
ERROR RATE INSERTED
0
0
0
no errors automatically inserted
00
1
10
-1
01
0
10
-2
01
1
10
-3
10
0
10
-4
10
1
10
-5
11
0
10
-6
11
1
10
-7


Similar Part No. - DS2172T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2172 MAXIM-DS2172 Datasheet
180Kb / 22P
   Bit Error Rate Tester (BERT)
101000
More results

Similar Description - DS2172T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2172 MAXIM-DS2172 Datasheet
180Kb / 22P
   Bit Error Rate Tester (BERT)
101000
DS21372 MAXIM-DS21372 Datasheet
180Kb / 22P
   3.3V Bit Error Rate Tester (BERT)
101000
logo
Dallas Semiconductor
DS21372 DALLAS-DS21372 Datasheet
214Kb / 21P
   3.3V Bit Error Rate Tester BERT
logo
TEKTRONIX, INC.
BSX TEKTRONIX-BSX Datasheet
1Mb / 38P
   Bit Error Rate Tester
logo
Agilent(Hewlett-Packard...
N2101B HP-N2101B Datasheet
255Kb / 4P
   Bit Error Ratio Tester
logo
CML Microcircuits
EV9902A CMLMICRO-EV9902A Datasheet
484Kb / 23P
   Measures Bit Error Rate
logo
Keysight Technologies
81250 KEYSIGHT-81250 Datasheet
2Mb / 64P
   Agilent ParBERT 81250 Parallel Bit Error Ratio Tester
M8020A KEYSIGHT-M8020A Datasheet
5Mb / 36P
   J-BERT M8020A High-Performance BERT
M8070A KEYSIGHT-M8070A Datasheet
5Mb / 36P
   J-BERT M8020A High-Performance BERT
N4903B KEYSIGHT-N4903B Datasheet
5Mb / 26P
   J-BERT N4903B High-Performance Serial BERT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com