Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V1000LA80AP Datasheet(PDF) 10 Page - Littelfuse

Part No. V1000LA80AP
Description  LA Varistor Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V1000LA80AP Datasheet(HTML) 10 Page - Littelfuse

Back Button V1000LA80AP Datasheet HTML 5Page - Littelfuse V1000LA80AP Datasheet HTML 6Page - Littelfuse V1000LA80AP Datasheet HTML 7Page - Littelfuse V1000LA80AP Datasheet HTML 8Page - Littelfuse V1000LA80AP Datasheet HTML 9Page - Littelfuse V1000LA80AP Datasheet HTML 10Page - Littelfuse V1000LA80AP Datasheet HTML 11Page - Littelfuse V1000LA80AP Datasheet HTML 12Page - Littelfuse V1000LA80AP Datasheet HTML 13Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Varistor Products
©2012 Littelfuse, Inc.
Revision: February 9, 2012
LA Varistor Series
Radial Lead Varistors > LA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/la.html for current information.
Product Dimensions (mm)
Dimension
V
RMS
Voltage
Model
7mm Size
10mm Size
14mm Size
20mm Size
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
A
V320LA
12 (0.472)
16 (0.630)
20 (0.787)
26.5 (1.043)
V1000LA
13 (0.0512)
20.5 (0.807)
28 (1.102)
ØD
All
e
All
4 (0.157)
6 (0.236)
6.5 (0.256)
8.5 (0.335)
6.5 (0.256)
8.5 (0.335)
6.5 (0.256)
8.5
e
1
V320LA
3.5 (0.138)
3.5 (0.138)
3.5 (0.138)
3.5 (0.138)
V1000LA
5.5 (0.217)
5.5 (0.217)
5.5 (0.217)
5.5 (0.217)
E
V320LA
5.6 (0.220)
5.6 (0.220)
5.6 (0.220)
5.6 (0.220)
V510LA
7.3 (0.287)
7.3 (0.287)
7.3 (0.287)
7.3 (0.287)
V680LA
8.3 (0.327)
8.3 (0.327)
8.3 (0.327)
8.3 (0.327)
V1000LA
10.8 (0.425)
10.8 (0.425)
Øb
All
0.585
(0.023)
0.685
(0.027)
0.76 (0.030)
0.86 (0.034)
0.76 (0.030)
0.86 (0.034)
0.76 (0.030)
0.86 (0.034)
A
TRIM
All
22.5 (0.886)
L
TRIM
All
*SEATING
PLANE
L
TRIM
A
TRIM
1. Dimensions in millimeters, (inches) in parentheses.
CRIMPED AND TRIMMED LEAD
Crimped leads are standard on LA types supplied in tape and reel
and are denoted by the model letter "T." Model letter "S" denotes


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn