Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51142-0200 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51142-0200
Description  6.50mm Pitch Wire-to-Board Receptacle Housing, 2 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

51142-0200 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51142-0200 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
51142-0200
Status:
Active
Description:
6.50mm Pitch Wire-to-Board Receptacle Housing, 2 Circuits
Documents:
3D Model
Product Specification PS-51142-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51142-002 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
51142
Application
Power, Wire-to-Board
Product Name
N/A
UPC
800753323575
Physical
Circuits (maximum)
2
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Polyester
Net Weight
945.000/mg
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
6.50mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-51142-002, PS-51142-003, RPS-51142-001,
RPS-51142-002, RPS-51142-003, RPS-51142-004,
RPS-51142-005, RPS-51142-006, RPS-51142-007,
RPS-51142-008
Sales Drawing
SD-51142-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51142Series
Mates With
53721 , 53728
Use With
50597 , 51143 , 50598
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 51142-0200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51142-0200 MOLEX7-51142-0200 Datasheet
104Kb / 2P
   6.50mm (.256") Pitch Wire-to-Board Receptacle Housing, 2 Circuits
More results

Similar Description - 51142-0200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0511420200 MOLEX7-0511420200 Datasheet
104Kb / 2P
   6.50mm (.256") Pitch Wire-to-Board Receptacle Housing, 2 Circuits
51142-0600 MOLEX11-51142-0600 Datasheet
37Kb / 1P
   6.50mm Pitch Wire-to-Board Receptacle Housing, 6 Circuits
51142-0400 MOLEX11-51142-0400 Datasheet
37Kb / 1P
   6.50mm Pitch Wire-to-Board Receptacle Housing, 4 Circuits
0511420400 MOLEX7-0511420400 Datasheet
104Kb / 2P
   6.50mm (.256") Pitch Wire-to-Board Receptacle Housing, 4 Circuits
0511420600 MOLEX7-0511420600 Datasheet
104Kb / 2P
   6.50mm (.256") Pitch Wire-to-Board Receptacle Housing, 6 Circuits
5014540205 MOLEX11-5014540205 Datasheet
296Kb / 5P
   6.50mm (.256") Pitch Wire-to-Board Retainer, 2 Circuits
0511430205 MOLEX7-0511430205 Datasheet
75Kb / 2P
   6.50mm (.256") Wire-to-Board Retainer, 2 circuits
0511110210 MOLEX7-0511110210 Datasheet
106Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, withoutRetainer, 2 Circuits
0511110200 MOLEX7-0511110200 Datasheet
110Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, WithRetainer, 2 Circuits
502351-0200 MOLEX11-502351-0200 Datasheet
43Kb / 1P
   DuraClik??Wire-to-Board Receptacle Housing, Single Row, 2 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com