Electronic Components Datasheet Search |
|
RN222-2.5-02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
RN222-2.5-02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 6 page Current-compensated Chokes n Rated currents from 0.3 to 10A n DC to 1kHz frequency n 100kHz to 3MHz common-mode resonance frequency n Dual-choke configurations n Multiple PCB-mounting options Typical applications RN chokes are attenuating common-mode or asymmetric (P/N –> E) interference signals, by being connected in series with the phase and neutral lines of an AC powerline input. Symmetrical components of the noise are also attenuated by the leakage inductance of the windings. These chokes are typically used in conjunction with suppression capacitors. n High saturation resistance and excellent thermal behavior. n Through hole pin connections. n Dual-choke configuration. n Small compact design. n Multiple housing options. n Custom-specific versions are available on request. n Phase-angle control circuits in combination with saturating chokes n EMI input filters n For suppressing equipment with no earth connection n Suppressing high interference levels Features and benefits Technical specifications Maximum continuous operating voltage: 250VAC @ 40°C Operating frequency: dc to 1kHz Rated currents: 0.3 to 10A @ 40°C max. High potential test voltage winding-to-winding @ 25°C: 1500VAC, 60 sec, guaranteed 1500V, 50Hz, 2 sec, factory test winding-to-housing @ 25°C: 4000VAC, 60 sec, guaranteed Surge current @ 10msec: 20 x Inominal @ 25°C Temperature range (operation and storage): -40°C to +125°C (40/125/56) Flammability corresponding to: UL 94V-0 MTBF @ 40°C/230V (Mil-HB-217F): > 5,000,000 hours Typical electrical schematic Approvals VDE: excluding RN 102, RN 202 EMC/EMI Chokes RN series |
Similar Part No. - RN222-2.5-02 |
|
Similar Description - RN222-2.5-02 |