Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2105 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2105
Description  SCSI Terminator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2105 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2105 Datasheet HTML 1Page - Dallas Semiconductor DS2105 Datasheet HTML 2Page - Dallas Semiconductor DS2105 Datasheet HTML 3Page - Dallas Semiconductor DS2105 Datasheet HTML 4Page - Dallas Semiconductor DS2105 Datasheet HTML 5Page - Dallas Semiconductor DS2105 Datasheet HTML 6Page - Dallas Semiconductor DS2105 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS2105
022698 2/7
FUNCTIONAL DESCRIPTION
The DS2105 consists of a bandgap reference, buffer
amplifier, and nine termination resistors (Figure 1). The
bandgap reference circuit produces a precise 2.55V
level which is fed to a buffer amplifier. The buffer pro-
duces a 2.85V level and is capable of sourcing at least
24 mA into each of the termination resistors when the
signal line is low (active). When the driver for a given
signal line turns off, the terminator will pull the signal line
to 2.85V (quiescent state). To handle actively negated
SCSI signals, the buffer can sink 200 mA, and VREF will
move less than 60 mV. When all lines settle in the quies-
cent state, the regulator will consume about 5 mA.
When the DS2105 is put into power–down mode by
bringing PD low, the power–down circuitry will turn off
the transistors on each signal line. This will isolate the
DS2105 from the signal lines and effectively remove it
from the circuit. The power–down pin (PD) has an inter-
nal 50K
Ω pull–up resistor. To place the DS2105 into an
active state, the PD pin should be left open circuited.
To ensure proper operation, both the TERMPWR1 and
TERMPWR2 pins must be connected to the SCSI bus
TERMPWR line and both the VREF1 and VREF2 pins
must be tied together externally. Each DS2105 requires
a 4.7
µF capacitor connected between the VREF pins
and ground. Figure 2 details a typical SCSI bus configu-
ration. In an 8–bit wide SCSI bus arrangement (“A”
Cable), two DS2105’s would be needed at each end of
the SCSI cable in order to terminate the 18 active signal
lines. In a 16–bit wide SCSI bus arrangement (“P”
Cable), three DS2105’s would be needed at each end of
the SCSI cable in order to terminate the 27 active signal
lines.
DS2105 BLOCK DIAGRAM Figure 1
GND
TERMPWR1
TERMPWR2
PD
POWER
DOWN
CIRCUITRY
50K ohm
BANDGAP
REFERENCE
110 ohms
R1
R2
R3
R4
R5
R6
R7
R8
R9
VREF1
VREF2
110 ohms
110 ohms
110 ohms
110 ohms
110 ohms
110 ohms
110 ohms
110 ohms


Similar Part No. - DS2105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2105 MAXIM-DS2105 Datasheet
104Kb / 7P
   SCSI Terminator
022698
logo
Microchip Technology
DS21054E MICROCHIP-DS21054E Datasheet
76Kb / 12P
   16K 1.8V I2C SERIAL EEPROM
1996
More results

Similar Description - DS2105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21T07 MAXIM-DS21T07 Datasheet
107Kb / 7P
   SCSI Terminator
112099
DS2114 MAXIM-DS2114 Datasheet
76Kb / 6P
   SCSI Terminator
070198
logo
Dallas Semiconductor
DS21T05 DALLAS-DS21T05 Datasheet
99Kb / 7P
   SCSI Terminator
DS2114 DALLAS-DS2114 Datasheet
71Kb / 6P
   SCSI Terminator
logo
Maxim Integrated Produc...
DS21T05 MAXIM-DS21T05 Datasheet
104Kb / 7P
   SCSI Terminator
112099
logo
Dallas Semiconductor
DS21T07 DALLAS-DS21T07 Datasheet
101Kb / 7P
   SCSI Terminator
logo
Maxim Integrated Produc...
DS21S07A MAXIM-DS21S07A Datasheet
449Kb / 8P
   SCSI Terminator
022106
logo
Dallas Semiconductor
DS21T06 DALLAS-DS21T06 Datasheet
114Kb / 6P
   SCSI Terminator
DS2107A DALLAS-DS2107A Datasheet
94Kb / 7P
   SCSI Terminator
logo
Maxim Integrated Produc...
DS2106 MAXIM-DS2106 Datasheet
74Kb / 6P
   SCSI Terminator
022698
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com