Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM1A23D100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RM1A23D100
Description  Solid State Relays Industrial, 1-Phase ZS (IO) w. LED and Built-in Varistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RM1A23D100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RM1A23D100 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM1A23D100 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM1A23D100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Rated opera-
Blocking
Control
Rated operational current
tional voltage
voltage
voltage
25A
50A
75A
100A
230VACrms
650Vp
3 - 32VDC
RM1A23D25
RM1A23D50
RM1A23D75
RM1A23D100
20 to 280VAC
RM1A23A25
RM1A23A50
RM1A23A75
RM1A23A100
22 to 48VDC
400VACrms
850Vp
4 - 32VDC
RM1A40D25
RM1A40D50
RM1A40D75
RM1A40D100
20 to 280VAC
RM1A40A25
RM1A40A50
RM1A40A75
RM1A40A100
22 to 48VDC
480VACrms
1200Vp
4 - 32VDC
RM1A48D25
RM1A48D50
RM1A48D75
RM1A48D100
20 to 280 VAC
RM1A48A25
RM1A48A50
RM1A48A75
RM1A48A100
22 to 48VDC
600VACrms
1400Vp
4 - 32VDC
RM1A60D25
RM1A60D50
RM1A60D75
RM1A60D100
20 to 280VAC
RM1A60A25
RM1A60A50
RM1A60A75
RM1A60A100
22 to 48VDC
• Zero switching (RM1A) or instant-on
switching (RM1B) AC Solid State Relay
• Direct copper bonding (DCB) technology
• LED indication
• Built-in varistor 230, 400, 480, 600V
• Clip-on IP 20 protection cover
• Self-lifting terminals
• Housing free of moulding mass
• 2 input ranges: 3-32* VDC and 20-280VAC/22-48VDC
• Operational ratings: Up to 100AACrms and 600VACrms
• Blocking voltage: Up to 1400Vp
• Opto-isolation: > 4000VACrms
Product Description
The industrial, 1-phase relay
with antiparallel thyristor out-
put is the most widely used
industrial SSR due to its mul-
tiple application possibilities.
The relay can be used for
resistive,
inductive
and
capacitive loads. The zero
switching relay switches ON
when the sinusoidal curve
crosses zero and switches
OFF when the current cross-
es zero. The instant-on relay
Solid State Relay
Number of poles
Switching mode
Rated operational voltage
Control voltage
Rated operational current
Ordering Key
Solid State Relays
with DC control input can be
used for phase control. The
built-in varistor secures tran-
sient protection for the heavy
industrial applications, and
the LED indicates the status
of the control input. The clip-
on cover is securing touch
protection to IP 20. Protect-
ed output terminals can han-
dle cables up to 16mm2.
Type Selection
Switching mode
Rated operational
Control voltage
Rated operational
voltage
current
A: Zero Switching
23: 230VACrms
A: 20-280VAC/22-48VDC
25: 25AACrms
B: Instant-on switching
40: 400VACrms
D: 3-32VDC*
50: 50AACrms
(DC Control only)
48: 480VACrms
*4 to 32VDC for 400, 480 and 600VAC types
75: 75AACrms
60: 600VACrms
*4 to 32VDC for RM1B types
100: 100AACrms
Selection Guide
Industrial, 1-Phase ZS (IO) w. LED and Built-in Varistor
Types RM 23, RM 40, RM 48, RM 60
RM 1 A 23 D 25


Similar Part No. - RM1A23D100

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM1A SANKEN-RM1A Datasheet
20Kb / 1P
   Rectifier Diodes
RM1A SANKEN-RM1A Datasheet
189Kb / 4P
   Silicon Diode
More results

Similar Description - RM1A23D100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS1A23D25 ETC2-RS1A23D25 Datasheet
135Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS w. LED
RAM1A ETC2-RAM1A Datasheet
107Kb / 5P
   SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
RA2410LA ETC2-RA2410LA Datasheet
54Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS, Standard Range
RP1A ETC2-RP1A Datasheet
49Kb / 3P
   Solid State Relays PCB, 1-Phase ZS/IO Types RP1A, RP1B
RZ3A60D55 ETC2-RZ3A60D55 Datasheet
109Kb / 4P
   Solid State Relays Industrial, 3-Phase ZS Type RZ3A
RS1A48D40 ETC2-RS1A48D40 Datasheet
196Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS w. LED Types RS 23, RS 40, RS 48
RM1E60AA50 ETC2-RM1E60AA50 Datasheet
110Kb / 4P
   Solid State Relays Industrial, 1-Phase Analog Switching Type RM1E
logo
Omron Electronics LLC
G3PF OMRON-G3PF Datasheet
1Mb / 13P
   Solid State Relays with Built-in Current Transformer
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com