Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC3225J000CS Datasheet(PDF) 2 Page - Samsung semiconductor

Part # RC3225J000CS
Description  Samsung electro-mechanics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC3225J000CS Datasheet(HTML) 2 Page - Samsung semiconductor

  RC3225J000CS Datasheet HTML 1Page - Samsung semiconductor RC3225J000CS Datasheet HTML 2Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bending test
Less than ±(0.5%+0.05Ω)of the initial value 50mΩ Max
3mm of bending shall be applied
No evidence of mechanical damage
for 5sec.
Adhesive strength
No mechanical damage or sign of disconnection
Test strengh : 5N
of termination
Test time: Applying pressure for 10seconds
Resistance to
Less than ±(1%+0.05Ω)of the initial value
50mΩ Max
260±5℃ , 10 sec
soldering heat
No evidence of mechanical damage
Anti-Vibration
Less than ±(1%+0.05Ω)of the initial value
50mΩ Max
Test amplitude : 1.5mm
test
No evidence of mechanical damage
Frequency 10㎐-55㎐-10㎐ / 2hr in x,y,z direction.
Temperature
Less than ±(1%+0.1Ω)of the initial value
50mΩ Max
100cycles, -55℃/30min ↔125℃/30min
cycle
No evidence of mechanical damage
sweep time:5min
Load life
Less than ±(3%+0.1Ω)of the initial value
50mΩ Max
Test voltage: rated voltage / 70±2℃
No evidence of mechanical damage
1,000hours(90min:On , 30min:Off)
Low Temp.
Less than ±(3%+0.1Ω)of the initial value
50mΩ Max
Dwell in -55℃ chamber without loading
Exposure
No evidence of mechanical damage
for 1,000hours
High Temp
Less than ±(3%+0.1Ω)of the initial value
50mΩ Max
Dwel in 125℃ or 155℃ chamber without loading
Exposure
No evidence of mechanical damage
for 1,000hours
Moisture
Less than ±(3%+0.1Ω)of the initial value
50mΩ Max
Test voltage: rated voltage / 40±2℃
Resistance
No evidence of mechanical damage
1,000hours(90min:On,30min:Off) / 90~95% RH
C. Recommended Soldering method :
Reflow ( Reflow Peak Temperature : 260+0/-5℃, 10sec. Max )
* For the more detail Specification, Please refer to the samsung chip RESISTOR catalogue.
Judgement
Test condition


Similar Part No. - RC3225J000CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC3225J100AS ETC1-RC3225J100AS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC3225J100BS ETC1-RC3225J100BS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC3225J100CS ETC1-RC3225J100CS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC3225J100ES ETC1-RC3225J100ES Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
More results

Similar Description - RC3225J000CS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL03C180JA3 SAMSUNG-CL03C180JA3 Datasheet
151Kb / 2P
   Samsung electro-mechanics
CL32B104KE SAMSUNG-CL32B104KE Datasheet
82Kb / 2P
   Samsung electro-mechanics
RC2012F1003CS SAMSUNG-RC2012F1003CS Datasheet
82Kb / 2P
   Samsung electro-mechanics
RC2012F106CS SAMSUNG-RC2012F106CS Datasheet
82Kb / 2P
   Samsung electro-mechanics
RC0603J474CS SAMSUNG-RC0603J474CS Datasheet
82Kb / 2P
   Samsung electro-mechanics
CL05A475MO5NUNC SAMSUNG-CL05A475MO5NUNC Datasheet
1Mb / 36P
   Samsung electro-mechanics
CL05B105KQ5NQNC SAMSUNG-CL05B105KQ5NQNC Datasheet
185Kb / 2P
   Samsung electro-mechanics
CL03A104KO3 SAMSUNG-CL03A104KO3 Datasheet
83Kb / 2P
   Samsung electro-mechanics
CL31A106KB SAMSUNG-CL31A106KB Datasheet
139Kb / 2P
   Samsung electro-mechanics
RC2012F2001CS SAMSUNG-RC2012F2001CS Datasheet
82Kb / 2P
   Samsung electro-mechanics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com