Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS-2405SZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RS-2405SZ
Description  2 Watt SIP8 Isolated Single Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RS-2405SZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RS-2405SZ Datasheet HTML 1Page - List of Unclassifed Manufacturers RS-2405SZ Datasheet HTML 2Page - List of Unclassifed Manufacturers RS-2405SZ Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.recom-international.com
E-129
REV: 1/2014
Input Voltage Range
2:1 and 4:1
Output Accuracy
±2% typ.
Line Voltage Regulation
±0.5% max.
Load Voltage Regulation
20%-100% Load
±0.5% max.
Minimum Load
10% (2)
Output Ripple and Noise (20MHz limited)
50mVp-p max.
Switching Frequency
Full Load
100kHz min. / 300kHz max.
Efficiency at Full Load
See Selection Guide
Quiescent Current
RS-05xxS_D
40mA typ.
Nominal input Voltage
RS-12xxS_D
32mA typ.
(Standard, /H2 and /H3)
RS-24xxS_D, SZ_DZ
25mA typ.
RS-48xxS_D, SZ_DZ
15mA typ.
Isolation Voltage
Standard
(tested for 1 second)
1000VDC
(rated for 1 minute**)
500VAC / 60Hz
/H2 Version
(tested for 1 second)
2000VDC
(rated for 1 minute**)
1000VAC / 60Hz
/H3 Version
(tested for 1 second)
3000VDC
(rated for 1 minute**)
1500VAC / 60Hz
Isolation Capacitance
Standard
2:1 Single
10pF min. / 40pF typ. / 60pF max.
Isolation Capacitance
/H2 and /H3
2:1 Single
5pF min. / 30pF typ. / 60pF max.
Isolation Capacitance
Standard
2:1 Dual
120pF min. / 170pF typ. / 250pF max.
Isolation Capacitance
/H2 and /H3
2:1 Dual
5pF min. / 30pF typ. / 60pF max.
Isolation Capacitance
Standard
4:1 Single/Dual
200pF max.
Isolation Capacitance
/H2 and /H3
4:1 Single/Dual
30pF max
Isolation Resistance
1G
Ω min.
Short Circuit Protection
Continuous
Operating Temperature Range
2:1
–40°C to +85°C
(No Derating)
4:1
–40°C to +75°C
Storage Temperature Range
–55°C to +125°C
Relative Humidity
95% RH
Package Weight
4.7g
Packing Quantity
22 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
1398 x 103 hours
(+85°C)
using MIL-HDBK 217F
210 x 103 hours
Certifications
EN General Safety
Report: SPCLVD1212007
EN60950-1:2006 + 11:2009+A1:2010+A12:2011
EN Medical Safety
Report: MDD1205098-3 + RM1205098-3
IEC/EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
Specifications (measured at T
A = 25°C, nominal input voltage, full load and after warm-up time unless otherwise specified)
RS-S_D(Z)
Series
ECONOLINE
DC/DC-Converter
} DetailedInformationsee
Application Notes chapter "MTBF"
**Any data referred to in this datasheet are of indivative nature and based on our practical experience only. For further details, please refer to our Application Notes.
Notes
Note 1:
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter
Note 2:
The RS series require a minimum of 10% loading on the output to maintain specified regulation. Operating under un-load condition
will not damage these devices, however they may not meet all listed specifications.


Similar Part No. - RS-2405SZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS-2405S RECOM-RS-2405S Datasheet
93Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS-2405SH2 RECOM-RS-2405SH2 Datasheet
93Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS-2405SH3 RECOM-RS-2405SH3 Datasheet
93Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
More results

Similar Description - RS-2405SZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS-053.3 RECOM-RS-053.3 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS-053.3S RECOM-RS-053.3S Datasheet
93Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RS3-053.3S RECOM-RS3-053.3S Datasheet
82Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
REM2 RECOM-REM2 Datasheet
700Kb / 7P
   2 Watt SIP8 Single and Dual Output
RSK-RUW RECOM-RSK-RUW Datasheet
1Mb / 4P
   2 Watt SIP8 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com