Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CK05BX120K Datasheet(PDF) 8 Page - Kemet Corporation

Part # CK05BX120K
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL RADIAL LEADED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CK05BX120K Datasheet(HTML) 8 Page - Kemet Corporation

Back Button CK05BX120K Datasheet HTML 4Page - Kemet Corporation CK05BX120K Datasheet HTML 5Page - Kemet Corporation CK05BX120K Datasheet HTML 6Page - Kemet Corporation CK05BX120K Datasheet HTML 7Page - Kemet Corporation CK05BX120K Datasheet HTML 8Page - Kemet Corporation CK05BX120K Datasheet HTML 9Page - Kemet Corporation CK05BX120K Datasheet HTML 10Page - Kemet Corporation CK05BX120K Datasheet HTML 11Page - Kemet Corporation CK05BX120K Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
41
C114T (CKR11)
ORDERING INFORMATION
MARKING INFORMATION
C114T (CKR11) THROUGH C222T (CKR16) PER MIL-PRF-39014
JK
103
KP8
37A
J for JAN
K for KEMET
Capacitance
Capacitance Tolerance, FR Level
& Date Code (Year)
Week and Lot Code
C124T (CKR12)
CKR12
2657J
0837A
31433
Style
Dash No., J for JAN
Date & Lot Code
Source Code
(Federal Supply Code
for Manufacturers,
FSCM)
C192T (CKR14) C202T (CKR15) C222T (CKR16)
M39014
5-2125
KEMET
0837A
J50V
105K
Complete Part Number
Manufacturer’s Name
Date & Lot Code
JAN & Voltage
Capacitance, pF Code, Capacitance
Tolerance
C052/56T (CKR05) PER MIL-PRF-39014/01
JK
0837
A
JAN-KEMET
Date Code
Lot Code
BACK
M390
14/01
1579*
Specification
Sheet No.
Four Digit Part No.
*Add “V” as the last
digit for stand-off leads.
FRONT
C062/66T (CKR06) PER MIL-PRF-39014/02
0837A
J200V
103K
Date & Lot Code
JAN & Voltage
Capacitance, pF Code, Capacitance Tolerance
BACK
M39014
2-1338
*KEMET
Complete MIL Part No.
Manufacturer’s Name
FRONT
*Add “V” as the last digit
for stand-off leads.
C114K (CK12) THROUGH C222K (CK16) PER MIL-C-11015
C114K (CK12) C124K (CK13)
KCK
12BX
102K
0837
KEMET, CK
Style (12 or 13), Temp. Char. (BX or BR)
Capacitance, pF Code, Capacitance Tolerance
Date Code
C192K (CK14) C202K (CK15) C222K (CK16)
K100V
CK14BX
123K
0837
KEMET, Voltage
Style (14, 15 or 16), Temp. Char. (BX or BR)
Capacitance, pF Code, Capacitance Tolerance
Date Code
C052K (CK05) PER MIL-C-11015/18 & C062K (CK06) PER MIL-C-11015/19
200V
K
0801
Voltage
KEMET
Date Code
BACK
CK05
BX
102K
Style
Temperature Characteristic
Capacitance, pF Code, Capacitance Tolerance
FRONT
C 052 K 102 K 2 X 5 C A
CERAMIC
CASE SIZE
See Table Below
SPECIFICATION
Military
T – MIL-PRF-39014
K – MIL-C-11015
CAPACITANCE PICOFARAD CODE
Expressed in picofarads (pF). First two digits represent
significant figures. Third digit specifies number of zeros
following except 9 indicates division by 10). Examples:
0.1 F = 100,000 pF = 104 and 9.1 pF = 919. See
tables for standard values.
CAPACITANCE TOLERANCE
M – ±20%
K – ±10%
WORKING VOLTAGE DC
2 – 200V; 1 – 100V; 5 – 50V
FAILURE RATE
A– NotApplicable
M – 1.0%
P – 0.1%
R – 0.01%
S – 0.001%
INTERNAL CONSTRUCTION
5 – Multilayer
TEMPERATURE CHARACTERISTIC
KEMET
Designator Military
Equivalent EIA
Equivalent
Cap. Change with Temp.
Temp
Range, °C
Measured
without DC
Bias Voltage
Measured
with Bias
(Rated
Voltage)
X
(Stable)
BX
X7R
-55 to
+125°
±15%
+15%
-25%
R
(Stable)
BR
X7R
-55° to
+125
±15%
+15%
-40%
Standard tolerances for each Series
are shown in the repetitive parts lists.
Case Sizes
Radial
Axial
C052
C114
C056
C124
C062
C192
C066
C202
C222
Part Number Example: C052K102K2X5CA(14 digits – no spaces)
CERAMIC MOLDED/MIL-C-11015
& MIL-PRF-39014 (CKR)
LEAD MATERIAL
C – 60/40 Tin/Lead (SnPb)


Similar Part No. - CK05BX120K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CK05BX120K CDE-CK05BX120K Datasheet
533Kb / 5P
   Multilayer Ceramic Capacitors
More results

Similar Description - CK05BX120K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com