Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RNM-0512S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RNM-0512S
Description  1 Watt DIP6 Single Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RNM-0512S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RNM-0512S Datasheet HTML 1Page - List of Unclassifed Manufacturers RNM-0512S Datasheet HTML 2Page - List of Unclassifed Manufacturers RNM-0512S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Refer to Application Notes
RNM
ECONOLINE
DC/DC-Converter
with 3 year Warranty
REV: 0/2014
www.recom-power.com
E-32
The RNM series DC/DC converters are ultra-compact isolated single output converters for
applications where board space is at a premium. Despite their small size, the converters are
fully featured with a full industrial operating temperature range of -40°C to +85°C without
derating (+100°C with derating), 1kVDC or 2kVDC isolation and optional short circuit
protection. The converters are also UL-60950 and EN-60950 certified and have a CB Report.
Part
Input
Output
Output
Efficiency
Max.
Number
Voltage
Voltage
Current
Capacitive
DIP6
(2kV)
(VDC)
(VDC)
(mA)
(%)
Load(1)
RNM-xx3.3S
(H)
3.3, 5, 12, 15
3.3
303
75
2200μF
RNM-xx05S
(H)
3.3, 5, 12, 15
5
200
70-78
1000μF
RNM-xx09S
(H)
3.3, 5, 12, 15
9
111
70-78
1000μF
RNM-xx12S
(H)
3.3, 5, 12, 15
12
83
76-78
470μF
RNM-xx15S
(H)
3.3, 5, 12, 15
15
66
78-84
470μF
x = Input Voltage (other input and output voltage combinations available on request)
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RNM-0505S/P, RNM-0505S/HP
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3V output type
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V and 15V output types
10% max.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
70% min.
Minimum Load = 0%
Specifications valid for 10% minimum load only.
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute**)
500VAC / 60Hz
Isolation Voltage
H-Suffix
(tested for 1 second)
2000VDC
Rated Working Voltage
H-Suffix
(rated for 1 minute**)
1000VAC / 60Hz
Isolation Capacitance
20pF min. / 75pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
1.1g
Packing Quantity
60 pcs per Tube
continued on next page
Selection Guide
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
1 Watt
DIP6
Single Output
Derating-Graph
(Ambient Temperature)
Ultra-compact - only 8.3 x 8.3 x 6.8mm
1kVDC or 2KVDC Isolation
No External Compontents Required
Optional Continuous Short Circuit Protected
Fully Encapsulated
UL and EN Certified, CB Report
Efficiency to 84%
Features
Unregulated
Converters
Description
UL-60950-1 Certified
EN-60950-1 Certified
E358085
RoHS
2011/65/EU
6/6
**Any data referred to in this datasheet are of indivative nature and based on our practical experience only. For further details, please refer
to our Application Notes.


Similar Part No. - RNM-0512S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RNM-0512S RECOM-RNM-0512S Datasheet
107Kb / 3P
   Ultra-compact - only 8.3 x 8.3 x 6.8mm
RNM-0512S RECOM-RNM-0512S Datasheet
108Kb / 3P
   1 Watt DIP6 Single Output
More results

Similar Description - RNM-0512S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RNM-3.33.3S RECOM-RNM-3.33.3S Datasheet
108Kb / 3P
   1 Watt DIP6 Single Output
RNM-1209S RECOM-RNM-1209S Datasheet
107Kb / 3P
   1 Watt DIP6 Single Output
R1SE RECOM-R1SE Datasheet
227Kb / 3P
   1 Watt SMD Single Output
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
   1 Watt SIP7 Single Output
RFM RECOM-RFM Datasheet
444Kb / 4P
   1 Watt SIP4 Single Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
   1 Watt SIP7 Single Output
R1SX RECOM-R1SX Datasheet
447Kb / 6P
   1 Watt SMD Single Output
RAC01-C RECOM-RAC01-C Datasheet
81Kb / 2P
   1 - 2 Watt Single Output
ROE-3.305S RECOM-ROE-3.305S Datasheet
300Kb / 4P
   1 Watt SIP4 Single Output
R1ZX RECOM-R1ZX Datasheet
388Kb / 5P
   1 Watt SMD Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com