Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM1A60A25 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RM1A60A25
Description  Solid State Relays Industrial, 1-Phase ZS (IO) w. LED and Built-in Varistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RM1A60A25 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RM1A60A25 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM1A60A25 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM1A60A25 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
All dimensions in mm
Weight
25A, 50A
Approx. 60g
75A, 100A
Approx. 100g
Housing material
Noryl GFN 1, black
Baseplate
25A, 50A
Aluminium
75A, 100A
Copper, nickel-plated
Potting compound
None
Housing Specifications
Functional Diagram
A1( )
A2( )
T1
L1
ZC
IO
REGULATION
+
~
~
-
Dimensions
APPLY
HEATSINK
COMPOUND
LED
Relay
Mounting screws
M5
Mounting torque
1.5-2.0Nm
Control terminal
Mounting screws
M3 x 9
Mounting torque
0.5Nm
Power terminal
Mounting screws
M5 x 9
Mounting torque
2.4Nm
Housing Specifications (Cont.)
RM1A,RM1B
Carlo Gavazzi Heatsink
Thermal
...for power
(see Accessories)
resistance... dissipation
No heatsink required
---
N/A
RHS 300
5.00K/W
> 0W
RHS 100
3.00K/W
> 25W
RHS 45C
2.70K/W
> 60W
RHS 45B
2.00K/W
> 60W
RHS 90A
1.35K/W
> 60W
RHS 45C plus fan
1.25K/W
> 0W
RHS 45B plus fan
1.20K/W
> 0W
RHS 112A
1.10K/W
> 100W
RHS 301
0.80K/W
> 70W
RHS 90A plus fan
0.45K/W
> 0W
RHS 112A plus fan
0.40K/W
> 0W
RHS 301 plus fan
0.25K/W
> 0W
Consult your distribution
> 0.25K/W
N/A
Infinite heatsink - No solution
---
N/A
Heatsink Selection
Rated isolation voltage
≥ 4000VACrms
Input to output
Rated isolation voltage
≥ 4000VACrms
Output to case
Isolation
Thermal Specifications
RM1....25
RM1....50
RM1.60.50
RM1....75
RM1....100
Operating temperature range
-20° to 70°C
-20° to 70°C
-20° to 70°C
-20° to 70°C
-20° to 70°C
Storage temperature range
-40° to 100°C
-40° to 100°C
-40° to 100°C
-40° to 100°C
-40° to 100°C
Junction temperature
≤ 125°C
≤ 125°C
≤ 125°C
≤ 125°C
≤ 125°C
Rth junction to case
≤ 0.80K/W
≤ 0.50K/W
≤ 0.72K/W
≤ 0.35K/W
≤ 0.30K/W
Rth junction to ambient
≤ 20.0K/W
≤ 20.0K/W
≤ 20.0K/W
≤ 20.0K/W
≤ 20.0K/W


Similar Part No. - RM1A60A25

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM1A SANKEN-RM1A Datasheet
20Kb / 1P
   Rectifier Diodes
RM1A SANKEN-RM1A Datasheet
189Kb / 4P
   Silicon Diode
More results

Similar Description - RM1A60A25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS1A23D25 ETC2-RS1A23D25 Datasheet
135Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS w. LED
RAM1A ETC2-RAM1A Datasheet
107Kb / 5P
   SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
RA2410LA ETC2-RA2410LA Datasheet
54Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS, Standard Range
RP1A ETC2-RP1A Datasheet
49Kb / 3P
   Solid State Relays PCB, 1-Phase ZS/IO Types RP1A, RP1B
RZ3A60D55 ETC2-RZ3A60D55 Datasheet
109Kb / 4P
   Solid State Relays Industrial, 3-Phase ZS Type RZ3A
RS1A48D40 ETC2-RS1A48D40 Datasheet
196Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS w. LED Types RS 23, RS 40, RS 48
RM1E60AA50 ETC2-RM1E60AA50 Datasheet
110Kb / 4P
   Solid State Relays Industrial, 1-Phase Analog Switching Type RM1E
logo
Omron Electronics LLC
G3PF OMRON-G3PF Datasheet
1Mb / 13P
   Solid State Relays with Built-in Current Transformer
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com