Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL0402 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # RL0402
Description  LOW OHMIC CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RL0402 Datasheet(HTML) 9 Page - YAGEO Corporation

  RL0402 Datasheet HTML 1Page - YAGEO Corporation RL0402 Datasheet HTML 2Page - YAGEO Corporation RL0402 Datasheet HTML 3Page - YAGEO Corporation RL0402 Datasheet HTML 4Page - YAGEO Corporation RL0402 Datasheet HTML 5Page - YAGEO Corporation RL0402 Datasheet HTML 6Page - YAGEO Corporation RL0402 Datasheet HTML 7Page - YAGEO Corporation RL0402 Datasheet HTML 8Page - YAGEO Corporation RL0402 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov. 19, 2013 V.6
Product specification
9
9
SERIES
RL
0402 to 2512
REVISION HISTORY
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”
REVISION
DATE
CHANGE NOTIFICATION DESCRIPTION
Version 6
Nov. 18, 2013 -
- Operating temperature extension
Version 5
Mar 22, 2010
-
- The statement of "Halogen Free" on the cover added
- Test methods updated
Version 4
Dec 11, 2008
-
- Halogen Free Epoxy
- Update global part number definition
Version 3
Aug 07, 2008
-
- Change to dual brand datasheet that describe RL0402 to RL2512 with
RoHS compliant
- Define global part number
Version 2
Jul 15, 2005
-
- Ordering example revised
Version 1
Apr 15, 2005
-
- Size 1218 extended
- Test method and procedure updated
- PE tape added (paper tape will be replaced by PE tape)
Version 0
Nov. 10, 2003 -
- First issue of this specification


Similar Part No. - RL0402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0402 YAGEO-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 RoHS compliant & Halogen Free
logo
ULTRA LEVEL TECH CO., L...
RL0402 ULC-RL0402 Datasheet
373Kb / 3P
   AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
RL0402D ULC-RL0402D Datasheet
460Kb / 3P
   AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
RL0402DE-0312 ULC-RL0402DE-0312 Datasheet
460Kb / 3P
   AC-DC PFC MEDICAL & ITE APPROVED POWER SUPPLY
More results

Similar Description - RL0402

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
877049 YAGEO-877049 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0402FR-070R1L YAGEO-RL0402FR-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com