Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3VH257 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IDTQS3VH257
Description  QUICKSWITCH짰 PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IDTQS3VH257 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IDTQS3VH257 Datasheet HTML 1Page - List of Unclassifed Manufacturers IDTQS3VH257 Datasheet HTML 2Page - List of Unclassifed Manufacturers IDTQS3VH257 Datasheet HTML 3Page - List of Unclassifed Manufacturers IDTQS3VH257 Datasheet HTML 4Page - List of Unclassifed Manufacturers IDTQS3VH257 Datasheet HTML 5Page - List of Unclassifed Manufacturers IDTQS3VH257 Datasheet HTML 6Page - List of Unclassifed Manufacturers IDTQS3VH257 Datasheet HTML 7Page - List of Unclassifed Manufacturers IDTQS3VH257 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
INDUSTRIAL TEMPERATURE RANGE
IDTQS3VH257
2.5V / 3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
2014 Integrated Device Technology, Inc.
DSC-5596/15
c
IDTQS3VH257
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH® PRODUCTS
2.5V/3.3V QUAD 2:1 MUX/DEMUX
HIGH BANDWIDTH BUS SWITCH
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
The QS3VH257 HotSwitch Quad 2:1 multiplexer/demultiplexer is a high
bandwidth bus switch. The QS3VH257 has very low ON resistance,
resulting in under 250ps propagation delay through the switch. The Select
(S) input controls the data flow. The multiplexers/demultiplexers are
enabled when the Enable (E) input is low. In the ON state, the switches can
pass signals up to 5V. In the OFF state, the switches offer very high
impedence at the terminals.
The combination of near-zero propagation delay, high OFF impedance,
and over-voltage tolerance makes the QS3VH257 ideal for high perfor-
mance communication applications.
The QS3VH257 is characterized for operation from -40
°C to +85°C.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
APPLICATIONS:
• Hot-swapping
• Multiplexing/demultiplexing
• Low distortion analog switch
• Replaces mechanical relay
• ATM 25/155 switching
FEATURES:
• N channel FET switches with no parasitic diode to VCC
– Isolation under power-off conditions
– No DC path to VCC or GND
– 5V tolerant in OFF and ON state
• 5V tolerant I/Os
• Low RON - 4
Ω
Ω
Ω
Ω
Ω typical
• Flat RON characteristics over operating range
• Rail-to-rail switching 0 - 5V
• Bidirectional dataflow with near-zero delay: no added ground
bounce
• Excellent RON matching between channels
•VCC operation: 2.3V to 3.6V
• High bandwidth - up to 500MHz
• LVTTL-compatible control Inputs
• Undershoot Clamp Diodes on all switch and control Inputs
• Low I/O capacitance, 4pF typical
• Available in QSOP, SOIC, and TSSOP packages
Y A
B
C
D
I0A
A
B
B
C
C
D
D
I1
I0
I1
I0
I1
I0
I1
Y
Y
Y
S
E


Similar Part No. - IDTQS3VH257

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH257 IDT-IDTQS3VH257 Datasheet
99Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BAND WIDTH BUS SWITCH
IDTQS3VH257 IDT-IDTQS3VH257 Datasheet
275Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH257 RENESAS-IDTQS3VH257 Datasheet
445Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH257PA IDT-IDTQS3VH257PA Datasheet
99Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BAND WIDTH BUS SWITCH
IDTQS3VH257Q IDT-IDTQS3VH257Q Datasheet
99Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BAND WIDTH BUS SWITCH
More results

Similar Description - IDTQS3VH257

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH257S1G8 IDT-IDTQS3VH257S1G8 Datasheet
101Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH257 RENESAS-IDTQS3VH257 Datasheet
445Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH253QG IDT-IDTQS3VH253QG Datasheet
101Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
IDTQS3VH251 IDT-IDTQS3VH251 Datasheet
73Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH251 RENESAS-IDTQS3VH251 Datasheet
449Kb / 9P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX / DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH257 IDT-IDTQS3VH257 Datasheet
99Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BAND WIDTH BUS SWITCH
IDTQS3VH16233 IDT-IDTQS3VH16233_13 Datasheet
265Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH253 RENESAS-IDTQS3VH253 Datasheet
447Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS34XVH245Q3G IDT-IDTQS34XVH245Q3G Datasheet
268Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH245Q2G8 IDT-IDTQS32XVH245Q2G8 Datasheet
266Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com