Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU-65-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-65-4
Description  Large Safety Alligator Clip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-65-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-65-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Large Safety Alligator Clip
• Compatible with all shrouded,unshrouded,or retractable 0.16” (4 mm)
banana plugs
• Jaw opens 0.75” (19 mm) max
• Material: nickel-plated steel clip,glass-filled nylon housing
• Length: 3.23” (82.04 mm)
• *Std.Colors: -0 Black, -2 Red, -4 Yellow, -6 Blue
• Rating: 1000 V, 30 Amps, IEC 1010 Compliant
• RoHS Compliant
Part Number:
BU-65-*
Description:
Large Safety Alligator Clip
3107


Similar Part No. - BU-65-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-651-0 ETC2-BU-651-0 Datasheet
202Kb / 1P
   Small Safety Alligator Clip, 10 Amps
BU-651-2 ETC2-BU-651-2 Datasheet
202Kb / 1P
   Small Safety Alligator Clip, 10 Amps
BU-65178 ETC1-BU-65178 Datasheet
154Kb / 12P
   MINIATURE ADVANCED COMMUNICATION ENGINE (MINI-ACE) AND MINI-ACE PLUS
BU-65178F0 ETC1-BU-65178F0 Datasheet
154Kb / 12P
   MINIATURE ADVANCED COMMUNICATION ENGINE (MINI-ACE) AND MINI-ACE PLUS
BU-65178F3 ETC1-BU-65178F3 Datasheet
154Kb / 12P
   MINIATURE ADVANCED COMMUNICATION ENGINE (MINI-ACE) AND MINI-ACE PLUS
More results

Similar Description - BU-65-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-654-0 ETC2-BU-654-0 Datasheet
51Kb / 1P
   Large Flanged Safety Alligator Clip
logo
Pomona Electronics
6041B POMONA-6041B Datasheet
38Kb / 1P
   Extra Large Alligator Clip With 4mm Sheath Safety Jack
logo
List of Unclassifed Man...
BU-652-0 ETC2-BU-652-0 Datasheet
202Kb / 1P
   Safety Alligator Clip, 20 Amps
BU-651-0 ETC2-BU-651-0 Datasheet
202Kb / 1P
   Small Safety Alligator Clip, 10 Amps
BU-60 ETC2-BU-60 Datasheet
518Kb / 1P
   Alligator Clip
BU-60C ETC2-BU-60C Datasheet
518Kb / 1P
   Alligator Clip
BU-60U ETC2-BU-60U Datasheet
50Kb / 1P
   Alligator Clip
BU-70 ETC2-BU-70 Datasheet
49Kb / 1P
   Alligator Clip
logo
Keystone Electronics Co...
5038 KEYSTONE-5038 Datasheet
289Kb / 1P
   ALLIGATOR CLIP
8.29.08
logo
Pomona Electronics
6576 POMONA-6576 Datasheet
87Kb / 1P
   Booted Alligator Clip To Booted Alligator Clip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com