Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51110-2651 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51110-2651
Description  2.00mm Pitch, Milli-Grid??Crimp Housing, 26 Circuits, with Center Polarization Key,
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

51110-2651 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51110-2651 Datasheet HTML 1Page - Molex Electronics Ltd. 51110-2651 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 01/24/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
51110-2651
Status:
Active
Overview:
Milli-Grid™ Connector System
Description:
2.00mm Pitch, Milli-Grid™ Crimp Housing, 26 Circuits, with Center Polarization Key,
with Locking Ramp, Lead-Free
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Product Literature (PDF)
Product Specification PS-51110-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
51110
Application
Signal, Wire-to-Board
Application Tooling Part Link
63824-2800
Comments
Applicable Wire Range: 24-30 AWG
Overview
Milli-Grid™ Connector System
Product Literature Order No
987650-1991
Product Name
Milli-Grid™
UPC
800753573932
Physical
Circuits (maximum)
26
Color - Resin
Black
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
0.559/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.00mm
Polarized to Mating Part
Yes
Stackable
Yes
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-51110-001
Sales Drawing
SD-51110-**5*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51110Series
Mates With
87758 Vertical, Through Hole, Stackable
PCB Header, 87759 Vertical, Surface
Mount, Stackable PCB Header, 87760
Right Angle, Through Hole, Stackable PCB
Header, 87831 Vertical, Through Hole PCB
Header, 87832 Vertical, Surface Mount PCB
Use With
50394 Crimp Terminals
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #


Similar Part No. - 51110-2651

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51110-2651 MOLEX7-51110-2651 Datasheet
122Kb / 2P
   2.00mm (.079") Pitch, Milli-Grid??Crimp Housing, 26 Circuits, with Center Polarization Key, with Locking Ramp, Leadfree
More results

Similar Description - 51110-2651

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51110-2650 MOLEX11-51110-2650 Datasheet
53Kb / 2P
   2.00mm Pitch, Milli-Grid??Crimp Housing, 26 Circuits, without Center Polarization Key,
0511102651 MOLEX1-0511102651_17 Datasheet
49Kb / 2P
   2.00mm Pitch, Milli-Grid Receptacle Housing, 26 Circuits, with Center Polarization Key
51110-3051 MOLEX11-51110-3051 Datasheet
53Kb / 2P
   2.00mm Pitch, Milli-Grid??Crimp Housing, 30 Circuits, with Center Polarization Key,
51110-0851 MOLEX11-51110-0851 Datasheet
53Kb / 2P
   2.00mm Pitch, Milli-Grid??Crimp Housing, 8 Circuits, with Center Polarization Key,
51110-1051 MOLEX11-51110-1051 Datasheet
53Kb / 2P
   2.00mm Pitch, Milli-Grid??Crimp Housing, 10 Circuits, with Center Polarization Key,
0780450660 MOLEX1-0780450660 Datasheet
42Kb / 1P
   2.00mm Pitch, Milli-Grid Crimp Housing, 6 Circuits, with Center Polarization Key
51110-1451 MOLEX11-51110-1451 Datasheet
53Kb / 2P
   2.00mm Pitch, Milli-Grid??Crimp Housing, 14 Circuits, with Center Polarization Key,
51110-2251 MOLEX11-51110-2251 Datasheet
53Kb / 2P
   2.00mm Pitch, Milli-Grid??Crimp Housing, 22 Circuits, with Center Polarization Key,
51110-1651 MOLEX11-51110-1651 Datasheet
53Kb / 2P
   2.00mm Pitch, Milli-Grid??Crimp Housing, 16 Circuits, with Center Polarization Key,
51110-2051 MOLEX11-51110-2051 Datasheet
53Kb / 2P
   2.00mm Pitch, Milli-Grid??Crimp Housing, 20 Circuits, with Center Polarization Key,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com