Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1869-50 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1869-50
Description  3V Dallastat Electronic Digital Rheostat
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1869-50 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1869-50 Datasheet HTML 1Page - Dallas Semiconductor DS1869-50 Datasheet HTML 2Page - Dallas Semiconductor DS1869-50 Datasheet HTML 3Page - Dallas Semiconductor DS1869-50 Datasheet HTML 4Page - Dallas Semiconductor DS1869-50 Datasheet HTML 5Page - Dallas Semiconductor DS1869-50 Datasheet HTML 6Page - Dallas Semiconductor DS1869-50 Datasheet HTML 7Page - Dallas Semiconductor DS1869-50 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DS1869
4 of 8
DS1869 DUAL PORT CONFIGURATION (TYPICAL EXAMPLE) Figure 2B
The DS1869 is provided with two supply inputs -V and +V. The maximum voltage difference between
the two supply inputs is +8.0 volts. The minimum voltage difference is +2.7 volts. All input levels are
referenced to the negative supply input, -V. The voltage applied to any Dallastat terminal must not exceed
the negative supply voltage (-V ) by -0.5 or the positive supply voltage (+V) by +0.5 volts. The minimum
logic high level must be +2.4 volts with reference to the -V supply voltage input for +V=5V. A logic low
level with reference to the -V supply voltage has a maximum value of +0.8 volts. Dallastats exhibit a
typical wiper resistance of 400 ohms with a maximum wiper resistance of 1000 ohms. The maximum
wiper current allowed through the Dallastat is specified at 1 milliamps (see DC Electrical
Characteristics).
NONVOLATILE WIPER SETTINGS
Dallastats maintain the position of the wiper in the absence of power. This feature is provided through the
use of EEPROM type memory cell arrays. During normal operation the position of the wiper is
determined by the input multiplexer. Periodically, the multiplexer will update the EEPROM memory
cells. The manner in which an update occurs has been optimized for reliability, durability, and
performance. Additionally, the update operation is totally transparent to the user.
When power is applied to the Dallastat, the wiper setting will be the last recorded in the EEPROM
memory cells. If the Dallastat setting is changed after power is applied, the new value will be stored after
a delay of 2 seconds. The initial storage of a new value after power-up occurs when the first change is
made, regardless of when this change is made.
After the initial change on power-up all subsequent changes of the wiper position will be recorded only if
the 4
th LSB (out of a 6-bit total for 64 positions) is being changed. Thus any change greater than 12.5% of
the total resistance range will trigger one EEPROM write cycle.
Changes or storage to the EEPROM memory cells must allow for a 2-second delay to guarantee that
updates will occur. The EEPROM memory cells are specified to accept greater that 50,000 writes before a
wear-out condition. If the EEPROM memory cells do reach a wear-out condition, the Dallastat will still
function properly while power is applied. However, on power-up the device’s wiper position will be that
of the position last recorded before memory cell wear-out.


Similar Part No. - DS1869-50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1869 MAXIM-DS1869 Datasheet
136Kb / 8P
   3V DallastatTM Electronic Digital Rheostat
112099
More results

Similar Description - DS1869-50

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1669 DALLAS-DS1669 Datasheet
151Kb / 10P
   Dallastat Electronic Digital Rheostat
logo
Maxim Integrated Produc...
DS1669 MAXIM-DS1669 Datasheet
178Kb / 11P
   Dallastat Electronic Digital Rheostat
011806
DS1869 MAXIM-DS1869 Datasheet
136Kb / 8P
   3V DallastatTM Electronic Digital Rheostat
112099
logo
Dallas Semiconductor
DS1668 DALLAS-DS1668 Datasheet
70Kb / 10P
   ELECTRONIC DIGITAL RHEOSTAT
logo
Rohm
BA6235F ROHM-BA6235F Datasheet
38Kb / 3P
   3V electronic governor
logo
Sanyo Semicon Device
LC7533 SANYO-LC7533 Datasheet
87Kb / 3P
   3V Electronic Volume Control
LC7534M SANYO-LC7534M Datasheet
438Kb / 5P
   3V-Operated Electronic Volume Control
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com