Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS18B20 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS18B20
Description  Programmable Resolution 1-Wire Digital Thermometer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS18B20 Datasheet HTML 1Page - Dallas Semiconductor DS18B20 Datasheet HTML 2Page - Dallas Semiconductor DS18B20 Datasheet HTML 3Page - Dallas Semiconductor DS18B20 Datasheet HTML 4Page - Dallas Semiconductor DS18B20 Datasheet HTML 5Page - Dallas Semiconductor DS18B20 Datasheet HTML 6Page - Dallas Semiconductor DS18B20 Datasheet HTML 7Page - Dallas Semiconductor DS18B20 Datasheet HTML 8Page - Dallas Semiconductor DS18B20 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
DS18B20
3 of 27
DS18B20 BLOCK DIAGRAM Figure 1
PARASITE POWER
The block diagram (Figure 1) shows the parasite-powered circuitry.
This circuitry “steals” power
whenever the DQ or VDD pins are high. DQ will provide sufficient power as long as the specified timing
and voltage requirements are met (see the section titled “1-Wire Bus System”).
The advantages of
parasite power are twofold: 1) by parasiting off this pin, no local power source is needed for remote
sensing of temperature, and 2) the ROM may be read in absence of normal power.
In order for the DS18B20 to be able to perform accurate temperature conversions, sufficient power must
be provided over the DQ line when a temperature conversion is taking place. Since the operating current
of the DS18B20 is up to 1.5 mA, the DQ line will not have sufficient drive due to the 5k pullup resistor.
This problem is particularly acute if several DS18B20s are on the same DQ and attempting to convert
simultaneously.
There are two ways to assure that the DS18B20 has sufficient supply current during its active conversion
cycle. The first is to provide a strong pullup on the DQ line whenever temperature conversions or copies
to the E
2 memory are taking place. This may be accomplished by using a MOSFET to pull the DQ line
directly to the power supply as shown in Figure 2. The DQ line must be switched over to the strong pull-
up within 10
µs maximum after issuing any protocol that involves copying to the E2 memory or initiates
temperature conversions. When using the parasite power mode, the VDD pin must be tied to ground.
Another method of supplying current to the DS18B20 is through the use of an external power supply tied
to the VDD pin, as shown in Figure 3. The advantage to this is that the strong pullup is not required on the
DQ line, and the bus master need not be tied up holding that line high during temperature conversions.
This allows other data traffic on the 1-Wire bus during the conversion time. In addition, any number of
DS18B20s may be placed on the 1-Wire bus, and if they all use external power, they may all
simultaneously perform temperature conversions by issuing the Skip ROM command and then issuing the
Convert T command. Note that as long as the external power supply is active, the GND pin may not be
floating.
The use of parasite power is not recommended above 100
°C, since it may not be able to sustain
communications given the higher leakage currents the DS18B20 exhibits at these temperatures. For
applications in which such temperatures are likely, it is strongly recommended that VDD be applied to the
DS18B20.
64-BIT ROM
AND
1-WIRE PORT
MEMORY AND
CONTROL LOGIC
SCRATCHPAD
8-BIT CRC
GENERATOR
TEMPERATURE SENSOR
HIGH TEMPERATURE
TRIGGER, TH
LOW TEMPERATURE
TRIGGER, TL
CONFIGURATION
REGISTER
POWER
SUPPLY
SENSE
INTERNAL VDD
DQ
VDD


Similar Part No. - DS18B20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20 Datasheet
183Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
DS18B20 MAXIM-DS18B20 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
More results

Similar Description - DS18B20

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20_08 Datasheet
183Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20_07 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1825 MAXIM-DS1825 Datasheet
286Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Rev 020105
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com