Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBM2016T4R7J Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBM2016T4R7J
Description  Notice for TAIYO YUDEN products?
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBM2016T4R7J Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  LBM2016T4R7J Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LBM2016T4R7J Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LBM2016T4R7J Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LBM2016T4R7J Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LBM2016T4R7J Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBM2016T4R7J Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBM2016T4R7J Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBM2016T4R7J Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBM2016T4R7J Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
66
PARTS NUMBER
LBM2016 type
LBM 2016TR12J
RoHS
0.12
±5%
30
600
0.13
610
25.2
LBM 2016TR15J
RoHS
0.15
±5%
30
550
0.15
570
25.2
LBM 2016TR18J
RoHS
0.18
±5%
30
500
0.15
560
25.2
LBM 2016TR22J
RoHS
0.22
±5%
30
450
0.20
520
25.2
LBM 2016TR27J
RoHS
0.27
±5%
30
425
0.21
510
25.2
LBM 2016TR33J
RoHS
0.33
±5%
30
400
0.21
490
25.2
LBM 2016TR39J
RoHS
0.39
±5%
30
375
0.26
440
25.2
LBM 2016TR47J
RoHS
0.47
±5%
30
350
0.26
430
25.2
LBM 2016TR56J
RoHS
0.56
±5%
30
300
0.29
410
25.2
LBM 2016TR68J
RoHS
0.68
±5%
30
270
0.32
400
25.2
LBM 2016TR82J
RoHS
0.82
±5%
30
250
0.34
390
25.2
LBM 2016T1R0J
RoHS
1.0
±5%
30
220
0.38
385
7.96
LBM 2016T1R2J
RoHS
1.2
±5%
30
180
0.41
370
7.96
LBM 2016T1R5J
RoHS
1.5
±5%
30
135
0.47
350
7.96
LBM 2016T1R8J
RoHS
1.8
±5%
30
100
0.48
345
7.96
LBM 2016T2R2J
RoHS
2.2
±5%
30
75
0.54
340
7.96
LBM 2016T2R7J
RoHS
2.7
±5%
30
55
0.59
310
7.96
LBM 2016T3R3J
RoHS
3.3
±5%
30
48
0.68
290
7.96
LBM 2016T3R9J
RoHS
3.9
±5%
30
43
0.74
275
7.96
LBM 2016T4R7J
RoHS
4.7
±5%
30
40
0.78
270
7.96
LBM 2016T5R6J
RoHS
5.6
±5%
25
36
0.88
255
7.96
LBM 2016T6R8J
RoHS
6.8
±5%
25
33
0.97
240
7.96
LBM 2016T8R2J
RoHS
8.2
±5%
25
30
1.1
225
7.96
LBM 2016T100J
RoHS
10
±5%
25
27
1.2
215
2.52
LBM 2016T120J
RoHS
12
±5%
25
23
1.4
200
2.52
LBM 2016T150J
RoHS
15
±5%
25
20
1.5
190
2.52
LBM 2016T180J
RoHS
18
±5%
25
18
2.5
150
2.52
LBM 2016T220J
RoHS
22
±5%
25
17
2.8
140
2.52
LBM 2016T270J
RoHS
27
±5%
25
16
3.2
130
2.52
LBM 2016T330J
RoHS
33
±5%
25
15
3.6
125
2.52
LBM 2016T390J
RoHS
39
±5%
20
14
3.9
120
2.52
LBM 2016T470J
RoHS
47
±5%
20
13
4.1
115
2.52
LBM 2016T560J
RoHS
56
±5%
20
12
5.9
95
2.52
LBM 2016T680J
RoHS
68
±5%
20
11
7.0
90
2.52
LBM 2016T820J
RoHS
82
±5%
20
10
7.7
85
2.52
LBM 2016T101J
RoHS
100
±5%
15
9.0
8.0
80
0.796
Rated current
[mA](max.)
Measuring
frequency
[MHz]
Q
(min.)
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
i_wound_LBM_e-E02R01


Similar Part No. - LBM2016T4R7J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBM2016T4R7J TAIYO-YUDEN-LBM2016T4R7J Datasheet
627Kb / 12P
   WIRE-WOUND CHIP INDUCTORS FOR SIGNAL LINES (LB SERIES M TYPE)
LBM2016T4R7J TAIYO-YUDEN-LBM2016T4R7J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T4R7J8 TAIYO-YUDEN-LBM2016T4R7J8 Datasheet
289Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016T4R7JV TAIYO-YUDEN-LBM2016T4R7JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
LBM2016T4R7JV TAIYO-YUDEN-LBM2016T4R7JV Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
More results

Similar Description - LBM2016T4R7J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com