Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1866 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1866
Description  Log Trimmer Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1866 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1866 Datasheet HTML 1Page - Dallas Semiconductor DS1866 Datasheet HTML 2Page - Dallas Semiconductor DS1866 Datasheet HTML 3Page - Dallas Semiconductor DS1866 Datasheet HTML 4Page - Dallas Semiconductor DS1866 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 of 5
102199
FEATURES
§ Single 8-position Log Trimmer Potentiometer
5-dB/step
§ Operates from 2.7V to 5.5V supplies
§ Parallel interface control: P0, P1, P2
§ Standard Resistance Value: 10 k
§ 8-pin DIPs; 8-pin (150) SOICs
§ Operating Temperature Range:
- Industrial: -40°C to +85°C
PIN ASSIGNMENT
PIN DESCRIPTION
H
- High End of Resistor
L
- Low End of Resistor
W
- Wiper Terminal
VCC
- 3V or 5V Power Supply Input
P0
- Position Select - Bit 0
P1
- Position Select - Bit 1
P2
- Position Select - Bit 2
GND
- Ground
DESCRIPTION
The DS1866 Log Trimmer Potentiometer is a single volatile digital potentiometer having eight positions
with a 5-dB resolution per step. The device provides an ideal method for low-cost trimming or volume
control using a CPU or manual control input. The device’s wiper position is set to one of eight positions
by a 3-terminal parallel port. The value of the wiper position is determined by the P0, P1, and P2 port
pins.
The DS1866 is available as a 10k potentiometer and is available in an industrial temperature grade.
Additionally, the DS1866 will operate from 3V or 5V supplies and is ideal for portable applications
requiring low standby current. Two packaging options are available and include the 8-pin (300-mil) DIP,
8-pin (150-mil) SOIC.
DS1866
Log Trimmer Potentiometer
www.dalsemi.com
8-Pin DIP (300-mil)
See Mech. Drawings Section
P0
P1
H
GND
VCC
P2
L
W
1
2
3
4
8
7
6
5
P0
P1
H
GND
VCC
P2
L
W
1
2
3
4
8
7
6
5
8-Pin SOIC (150-mil)
See Mech. Drawings Section


Similar Part No. - DS1866

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1866 MAXIM-DS1866 Datasheet
81Kb / 5P
   Log Trimmer Potentiometer
102199
More results

Similar Description - DS1866

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1866 MAXIM-DS1866 Datasheet
81Kb / 5P
   Log Trimmer Potentiometer
102199
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Murata Manufacturing Co...
PVZ3G103C01R00 MURATA-PVZ3G103C01R00 Datasheet
191Kb / 12P
   TRIMMER POTENTIOMETER
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
WIW1036 SHARMA-WIW1036 Datasheet
713Kb / 1P
   Trimmer Potentiometer
WIW3329 SHARMA-WIW3329 Datasheet
703Kb / 1P
   Trimmer Potentiometer
logo
List of Unclassifed Man...
WIW1028 ETC1-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW1029 SHARMA-WIW1029 Datasheet
743Kb / 1P
   Trimmer Potentiometer
WIW3362 SHARMA-WIW3362 Datasheet
709Kb / 1P
   Trimmer Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com