Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBM2016TR22J Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBM2016TR22J
Description  Notice for TAIYO YUDEN products?
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBM2016TR22J Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  LBM2016TR22J Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LBM2016TR22J Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LBM2016TR22J Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LBM2016TR22J Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LBM2016TR22J Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBM2016TR22J Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBM2016TR22J Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBM2016TR22J Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBM2016TR22J Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
65
WIRE-WOUND CHIP INDUCTORS FOR SIGNAL LINES (LB SERIES M TYPE)
REFLOW
i_wound_LBM_e-E02R01
WIRE-WOUND CHIP INDUCTORS FOR SIGNAL LINES (LB SERIES M TYPE)
PARTS NUMBER
*Operating Temp. : -40~+105℃(Including self-generated heat)
L
B M
2
0
1
6
T
1
0
0
J
△=Blank space
⑤ ⑥
①Series name
Code
Series name
LBM
Wound chip inductor for signal line
②Dimensions(L×W)
Code
Dimensions(L×W)[mm]
2016
2.0×1.6
③Packaging
Code
Packaging
T
Taping
④Nominal inductance
Code
(example)
Nominal inductance[μH]
R12
0.12
1R0
1.00
100
10
101
100
※R=Decimal point
⑤Inductance tolerance
Code
Inductance tolerance
J
±5%
⑥Internal code
STANDARD EXTERNAL DIMENSIONS / STANDARD QUANTITY
Recommended Land Patterns
Surface Mounting
・Mounting and soldering conditions should be checked beforehand.
・Applicable soldering process to these products is reflow soldering only.
Type
A
B
C
LBM2016
0.6
1.0
1.8
Unit:mm
Type
L
W
T
e
Standard quantity [pcs]
Paper tape
Embossed tape
LBM2016
2.0±0.2
(0.08±0.008)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
0.5±0.2
(0.02±0.008)
2000
Unit:mm(inch)


Similar Part No. - LBM2016TR22J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBM2016TR22J TAIYO-YUDEN-LBM2016TR22J Datasheet
627Kb / 12P
   WIRE-WOUND CHIP INDUCTORS FOR SIGNAL LINES (LB SERIES M TYPE)
LBM2016TR22J TAIYO-YUDEN-LBM2016TR22J Datasheet
281Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016TR22J8 TAIYO-YUDEN-LBM2016TR22J8 Datasheet
289Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016TR22JV TAIYO-YUDEN-LBM2016TR22JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
LBM2016TR22JV TAIYO-YUDEN-LBM2016TR22JV Datasheet
271Kb / 2P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
More results

Similar Description - LBM2016TR22J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com