Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPW510DS Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NSPW510DS
Description  SPECIFICATIONS FOR WHITE LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPW510DS Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NSPW510DS_14 Datasheet HTML 1Page - NICHIA CORPORATION NSPW510DS_14 Datasheet HTML 2Page - NICHIA CORPORATION NSPW510DS_14 Datasheet HTML 3Page - NICHIA CORPORATION NSPW510DS_14 Datasheet HTML 4Page - NICHIA CORPORATION NSPW510DS_14 Datasheet HTML 5Page - NICHIA CORPORATION NSPW510DS_14 Datasheet HTML 6Page - NICHIA CORPORATION NSPW510DS_14 Datasheet HTML 7Page - NICHIA CORPORATION NSPW510DS_14 Datasheet HTML 8Page - NICHIA CORPORATION NSPW510DS_14 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NICHIA STS-DA1-1481 <Cat.No.110221>
4
OUTLINE DIMENSIONS
STS-DA7-0355
NSPW510DS
管理番号
No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品は
RoHS指令に適合しております。
*
(単位 Unit: mm, 公差 Tolerance: ±0.2)
ストッパー部詳細図
Lead Standoff
1
5.6
Anode
Cathode
1.5 MAX
1
(2)
28.6±1
8.3
7.3
12.1±0.5
また
LEDには鋭利な部分があります。特にリード部分は、人体を傷つける
ことがありますので、取り扱いに際しては十分注意して下さい。
タイバーを切り取った部分は銅合金が露出しております。
*
The tie bar cut-end surface exhibits exposed copper alloy base metal.
Care must be taken to handle the LEDs, as it may contain sharp parts
such as lead, and can cause injury.
項目
Item
樹脂材質
Resin Materials
リードフレーム材質
Lead Frame
Materials
質量
Weight
内容
Description
エポキシ樹脂
(一部蛍光体入り)
Epoxy Resin(partly using phosphor)
銅合金
+銀メッキ
Ag-plated Copper Alloy
0.29g(TYP)


Similar Part No. - NSPW510DS_14

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
NSPW510DS-D1 MARL-NSPW510DS-D1 Datasheet
517Kb / 14P
   WHITE LED
logo
NICHIA CORPORATION
NSPW510DS-D1 NICHIA-NSPW510DS-D1 Datasheet
217Kb / 16P
   SPECIFICATIONS FOR WHITE LED
More results

Similar Description - NSPW510DS_14

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW515DS NICHIA-NSPW515DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW500DS NICHIA-NSPW500DS_14 Datasheet
224Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NS2W150B NICHIA-NS2W150B Datasheet
277Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW063A NICHIA-NSSW063A Datasheet
297Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW150B NICHIA-NSSW150B Datasheet
276Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW206C NICHIA-NSSW206C Datasheet
298Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSWT02A NICHIA-NSSWT02A Datasheet
295Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NVSW119BT NICHIA-NVSW119BT_13 Datasheet
361Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NVSW219BT NICHIA-NVSW219BT_13 Datasheet
360Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NFCWD084B-V3 NICHIA-NFCWD084B-V3 Datasheet
994Kb / 43P
   SPECIFICATIONS FOR WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com