Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHSG046T Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NHSG046T
Description  SPECIFICATIONS FOR GREEN LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NHSG046T Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NHSG046T_14 Datasheet HTML 1Page - NICHIA CORPORATION NHSG046T_14 Datasheet HTML 2Page - NICHIA CORPORATION NHSG046T_14 Datasheet HTML 3Page - NICHIA CORPORATION NHSG046T_14 Datasheet HTML 4Page - NICHIA CORPORATION NHSG046T_14 Datasheet HTML 5Page - NICHIA CORPORATION NHSG046T_14 Datasheet HTML 6Page - NICHIA CORPORATION NHSG046T_14 Datasheet HTML 7Page - NICHIA CORPORATION NHSG046T_14 Datasheet HTML 8Page - NICHIA CORPORATION NHSG046T_14 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-1543A <Cat.No.110318>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.6
3.6
V
S
230
320
R
160
230
Luminous Intensity
Q
115
160
mcd
Color Ranks
Rank G
Rank H
x
0.14
0.22
0.22
0.14
x
0.21
0.21
0.28
0.28
y
0.64
0.64
0.74
0.74
y
0.65
0.73
0.73
0.65
* Ranking at TA=25°C.
* Tolerance of measurements of the Forward Voltage is ±3%.
* Tolerance of measurements of the Luminous Intensity is ±10%.
* Tolerance of measurements of the Chromaticity Coordinate is ±0.01.
* Basically, a shipment shall consist of the LEDs of a combination of the above ranks.
The percentage of each rank in the shipment shall be determined by Nichia.


Similar Part No. - NHSG046T_14

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NHSG046T NICHIA-NHSG046T Datasheet
622Kb / 13P
   TYPE GREEN LED
More results

Similar Description - NHSG046T_14

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPG336AS NICHIA-NSPG336AS Datasheet
245Kb / 16P
   SPECIFICATIONS FOR GREEN LED
NESG064T NICHIA-NESG064T_14 Datasheet
337Kb / 17P
   SPECIFICATIONS FOR GREEN LED
NSPG500DS NICHIA-NSPG500DS Datasheet
252Kb / 16P
   SPECIFICATIONS FOR GREEN LED
NCSG119T NICHIA-NCSG119T Datasheet
328Kb / 17P
   SPECIFICATIONS FOR GREEN LED
NHSG064 NICHIA-NHSG064 Datasheet
297Kb / 17P
   SPECIFICATIONS FOR GREEN LED
NSPG510BS NICHIA-NSPG510BS Datasheet
238Kb / 16P
   SPECIFICATIONS FOR GREEN LED
NEPG510S NICHIA-NEPG510S Datasheet
252Kb / 16P
   SPECIFICATIONS FOR GREEN LED
NSPG300D NICHIA-NSPG300D Datasheet
234Kb / 16P
   SPECIFICATIONS FOR GREEN LED
NSPG310B NICHIA-NSPG310B_14 Datasheet
234Kb / 16P
   SPECIFICATIONS FOR GREEN LED
logo
List of Unclassifed Man...
NSPG636AS ETC1-NSPG636AS Datasheet
365Kb / 15P
   SPECIFICATIONS FOR NICHIA GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com