Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1230AB-P200 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1230AB-P200
Description  256k Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1230AB-P200 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1230AB-P200 Datasheet HTML 1Page - Dallas Semiconductor DS1230AB-P200 Datasheet HTML 2Page - Dallas Semiconductor DS1230AB-P200 Datasheet HTML 3Page - Dallas Semiconductor DS1230AB-P200 Datasheet HTML 4Page - Dallas Semiconductor DS1230AB-P200 Datasheet HTML 5Page - Dallas Semiconductor DS1230AB-P200 Datasheet HTML 6Page - Dallas Semiconductor DS1230AB-P200 Datasheet HTML 7Page - Dallas Semiconductor DS1230AB-P200 Datasheet HTML 8Page - Dallas Semiconductor DS1230AB-P200 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS1230Y/AB
5 of 12
AC ELECTRICAL CHARACTERISTICS (cont'd)
DS1230AB-120
DS1230Y-120
DS1230AB-150
DS1230Y-150
DS1230AB-200
DS1230Y-200
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
NOTES
Read Cycle
Time
tRC
120
150
200
ns
Access Time
tACC
120
150
200
ns
OE
to Output
Valid
tOE
60
70
100
ns
CE
to Output
Valid
tCO
120
150
200
ns
OE
or CE to
Output Active
tCOE
55
5
ns
5
Output High Z
from
Deselection
tOD
35
35
35
ns
5
Output Hold
from Address
Change
tOH
55
5
ns
Write Cycle
Time
tWC
120
150
200
ns
Write Pulse
Width
tWP
90
100
100
ns
3
Address Setup
Time
tAW
00
0
ns
Write Recovery
Time
tWR1
tWR2
5
15
5
15
5
15
ns
12
13
Output High Z
from WE
tODW
35
35
35
ns
5
Output Active
from WE
tOEW
55
5
ns
5
Data Setup
Time
tDS
50
60
80
ns
4
Data Hold Time
tDH1
tDH2
0
10
0
10
0
10
ns
12
13


Similar Part No. - DS1230AB-P200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230AB-70++ MAXIM-DS1230AB-70+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
DS1230AB-70++ MAXIM-DS1230AB-70+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
DS1230AB-70IND++ MAXIM-DS1230AB-70IND+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
DS1230AB-70IND++ MAXIM-DS1230AB-70IND+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
More results

Similar Description - DS1230AB-P200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230AB MAXIM-DS1230AB Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
DS1230Y-120 MAXIM-DS1230Y-120 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
logo
Dallas Semiconductor
DS1230Y DALLAS-DS1230Y_10 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
   3.3V 256k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
   3.3V 256K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1230W MAXIM-DS1230W Datasheet
202Kb / 10P
   3.3V 256k Nonvolatile SRAM
19-5636; Rev 11/10
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
logo
Dallas Semiconductor
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
   256k Nonvolatile SRAM with Battery Monitor
DS1330Y DALLAS-DS1330Y_10 Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1330AB MAXIM-DS1330AB Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
19-5593; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com