Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1804 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1804
Description  NV Trimmer Potentiometer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1804 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1804 Datasheet HTML 1Page - Dallas Semiconductor DS1804 Datasheet HTML 2Page - Dallas Semiconductor DS1804 Datasheet HTML 3Page - Dallas Semiconductor DS1804 Datasheet HTML 4Page - Dallas Semiconductor DS1804 Datasheet HTML 5Page - Dallas Semiconductor DS1804 Datasheet HTML 6Page - Dallas Semiconductor DS1804 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DS1804
4 of 7
102699
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
1. Insert A (Burn-in Disclaimer)
The Dallas Semiconductor DS1804 is built to the highest quality standards and manufactured for long
term reliability.
All Dallas Semiconductor devices are made using the same quality materials and
manufacturing methods. However, the Flip Chip Package version of the DS1804 is not exposed to
environmental stresses, such as burn-in, that some industrial applications require. For specific reliability
information on this product, please contact the factory in Dallas at (972) 371-4448.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
+2.7
5.5
V
1
Input Logic 1
VIH
2.0
VCC+0.5
V
1,2
Input Logic 0
VIL
-0.5
+0.8
+0.6
V
1,15
Resistor Inputs
L,H,W
GND-0.5
VCC+0.5
V
1,3
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC=2.7V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
ICC
400
µA
4
Input Leakage
ILI
-1
+1
µA
Wiper Resistance
RW
400
1000
Wiper Current
IW
1mA
Standby Current:
3 Volts
5 Volts
ISTBY
10
20
40
µA
µA
5
Wiper Load Time
tWLT
500
µs
6
Power-Up Time
tPU
50
ms
14


Similar Part No. - DS1804

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1804 MAXIM-DS1804 Datasheet
171Kb / 8P
   NV Trimmer Potentiometer
043002
DS1804 MAXIM-DS1804 Datasheet
172Kb / 10P
   Nonvolatile Trimmer Potentiometer Operates from 3V or 5V Supplies
Rev 6/11
DS1804-010 MAXIM-DS1804-010 Datasheet
171Kb / 8P
   NV Trimmer Potentiometer
043002
DS1804-010 MAXIM-DS1804-010 Datasheet
172Kb / 10P
   Nonvolatile Trimmer Potentiometer Operates from 3V or 5V Supplies
Rev 6/11
DS1804-050 MAXIM-DS1804-050 Datasheet
171Kb / 8P
   NV Trimmer Potentiometer
043002
More results

Similar Description - DS1804

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1804 MAXIM-DS1804 Datasheet
171Kb / 8P
   NV Trimmer Potentiometer
043002
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Murata Manufacturing Co...
PVZ3G103C01R00 MURATA-PVZ3G103C01R00 Datasheet
191Kb / 12P
   TRIMMER POTENTIOMETER
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
WIW1036 SHARMA-WIW1036 Datasheet
713Kb / 1P
   Trimmer Potentiometer
WIW3329 SHARMA-WIW3329 Datasheet
703Kb / 1P
   Trimmer Potentiometer
logo
List of Unclassifed Man...
WIW1028 ETC1-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW1029 SHARMA-WIW1029 Datasheet
743Kb / 1P
   Trimmer Potentiometer
WIW3362 SHARMA-WIW3362 Datasheet
709Kb / 1P
   Trimmer Potentiometer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com