Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1802 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1802
Description  Dual Audio Taper Potentiometer With Pushbutton Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1802 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1802 Datasheet HTML 6Page - Dallas Semiconductor DS1802 Datasheet HTML 7Page - Dallas Semiconductor DS1802 Datasheet HTML 8Page - Dallas Semiconductor DS1802 Datasheet HTML 9Page - Dallas Semiconductor DS1802 Datasheet HTML 10Page - Dallas Semiconductor DS1802 Datasheet HTML 11Page - Dallas Semiconductor DS1802 Datasheet HTML 12Page - Dallas Semiconductor DS1802 Datasheet HTML 13Page - Dallas Semiconductor DS1802 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DS1802
101999
10 of 17
CASCADE OPERATION
A feature of the DS1802 is the ability to control multiple devices from a single processor. Multiple
DS1802s can be linked or daisy-chained as shown in Figure 7. As a bit is entered in to the I/O shift
registeroftheDS1802 it will appear at the COUT out put after a maximum delay of 50 nanoseconds.
The COUT output of the DS1802 can be used to drive the D input of another DS1802. When connecting
multiple devices, the total number of bits sent is always 16 times the number of DS1802s in the daisy
chain.
An optional feedback resistor can be placed between the COUT terminal of the last device and the D input
of the first DS1802, thus allowing the controlling processor to circularly clock data through the daisy
chain. The value of the feedback or isolation resistor should be in the range from 2 k
Ω to 10 kΩ .
When reading data via the COUT pin and isolation resistor, the D line is left floating by the reading device.
When RST is driven high, bit 0 is present on the COUT pin, which is fed back to the input D pin through
the isolation resistor. When the CLK input transitions low to high, bit 0 is loaded into the first position of
the I/O shift register and bit 1 becomes present on COUT and D of the next device. After 16 bits (or 16
times the number of DS1802s in the daisy chain), the data has shifted completely around and back to its
original position. When RST transitions to the low state to end data transfer, the value (the same as before
the read occurred) is loaded into the wiper-0 and wiper-1.
CASCADING MULTIPLE DEVICES Figure 7
Zero-Crossing Detection
The DS1802 provides a zero-crossing detection capability when using the 3-Wire Serial interface. Zero-
crossing detection provides a means for minimizing any audible noise that may result from sizable
discrete wiper transitions when using the part in audio applications. The zero-crossing detect feature
allows independent wiper changes only when the two terminals of the potentiometer have equal potentials
and within a 50 ms time window from the fall of the RST signal. If at 50 ms the DS1802 has not detected
a zero-crossing, the wiper position of the potentiometer(s) will change regardless of the state of the input
signal. Zero-crossing detection is activated when the ZCEN input level is in a low state. When high, the
ZCEN
input deactivates both the 50 ms time requirement and zero-crossing detection.
Zero-crossing detection is also available when using the part in pushbutton operation. When a pushbutton
is activated, the part will change wiper position during the first detected zero-crossing or at the end of a
50 ms time window.
When operating in pushbutton operation with a continuous input pulse, the wiper position will change
once during the initial 1-second time period. This change is dictated by a detected zero-crossing or 50 ms


Similar Part No. - DS1802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
051401
More results

Similar Description - DS1802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
051401
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
Dallas Semiconductor
DS1807 DALLAS-DS1807 Datasheet
463Kb / 13P
   Addressable Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
   Addressable Dual Audio Taper Potentiometer
110499
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
   Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
MAX5456 MAXIM-MAX5456 Datasheet
462Kb / 20P
   Stereo Audio Taper Potentiometers with Pushbutton Interface
Rev 0; 11/04
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
   32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
logo
Intersil Corporation
X9460 INTERSIL-X9460 Datasheet
308Kb / 16P
   Dual Audio Control Digitally Controlled Potentiometer
logo
Maxim Integrated Produc...
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com