Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1800 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1800
Description  Dual Inverting Log Gain/Attenuator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1800 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1800 Datasheet HTML 3Page - Dallas Semiconductor DS1800 Datasheet HTML 4Page - Dallas Semiconductor DS1800 Datasheet HTML 5Page - Dallas Semiconductor DS1800 Datasheet HTML 6Page - Dallas Semiconductor DS1800 Datasheet HTML 7Page - Dallas Semiconductor DS1800 Datasheet HTML 8Page - Dallas Semiconductor DS1800 Datasheet HTML 9Page - Dallas Semiconductor DS1800 Datasheet HTML 10Page - Dallas Semiconductor DS1800 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DS1800
7
of 14
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +7.0V
-40° to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
2.7
5.5
V
1
Input Logic 1
VIH
2.0
VCC+0.5
V
1,2
Input Logic 0
VIL
-0.5
+0.8
V
1,2
Analog Ground
AGND
GND-0.5
GND+0.5
V
14
Resistor Inputs
L,H,W
GND-0.5
GND+0.5
V
1
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC=2.7V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
ICC
2000
µA
10
Input Leakage
ILI
-1
+1
µA
Wiper Resistance
RW
400
1000
Wiper Current
IW
1mA
Logic 1 Output Current @2.4V
IOH
-1
mA
Logic 0 Output Current @0.4V
IOL
4mA
Standby Current:
3 Volts
5 Volts
ISTBY
12
20
40
µA
µA
12
Power-Up Time
tPU
50
ms
8


Similar Part No. - DS1800

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
Dallas Semiconductor
DS1801E DALLAS-DS1801E Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
DS1801S DALLAS-DS1801S Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
DS1802 DALLAS-DS1802 Datasheet
291Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
More results

Similar Description - DS1800

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
   Dual Log Digital Potentiometer
logo
Fairchild Semiconductor
ML2003 FAIRCHILD-ML2003 Datasheet
88Kb / 11P
   Logarithmic Gain/Attenuator
logo
Micro Linear Corporatio...
ML2003 MICRO-LINEAR-ML2003 Datasheet
2Mb / 12P
   Logarithmic Gain/Attenuator
logo
Maxim Integrated Produc...
DS1882 MAXIM-DS1882 Datasheet
237Kb / 15P
   Dual Log Audio Digital Potentiometer
Rev 0; 6/06
logo
Zarlink Semiconductor I...
SL523 ZARLINK-SL523 Datasheet
359Kb / 9P
   100MHz DUAL WIDEBAND LOG AMPLIFIER
logo
Suzhou Maswell Communic...
AN_MASTER_005MIMO MASWELL-AN_MASTER_005MIMO Datasheet
1Mb / 17P
   Maswell 5G High Gain Ultra Wideband Log Periodic Antenna
logo
Linear Integrated Syste...
LS318 LINEAR-LS318_14 Datasheet
286Kb / 2P
   LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LS318 LINEAR-LS318 Datasheet
29Kb / 2P
   LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LS358 LINEAR-LS358 Datasheet
29Kb / 2P
   LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
LS358 LINEAR-LS358_14 Datasheet
298Kb / 2P
   LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com