Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STBB1-APUR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STBB1-APUR
Description  1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1-APUR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STBB1-APUR Datasheet HTML 3Page - STMicroelectronics STBB1-APUR Datasheet HTML 4Page - STMicroelectronics STBB1-APUR Datasheet HTML 5Page - STMicroelectronics STBB1-APUR Datasheet HTML 6Page - STMicroelectronics STBB1-APUR Datasheet HTML 7Page - STMicroelectronics STBB1-APUR Datasheet HTML 8Page - STMicroelectronics STBB1-APUR Datasheet HTML 9Page - STMicroelectronics STBB1-APUR Datasheet HTML 10Page - STMicroelectronics STBB1-APUR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
STBB1-AXX
Typical application
Doc ID 022197 Rev 2
7/22
Table 5.
List of external components (1)
Component
Manufacturer
Part number
Value
Size
CIN
Murata
GRM21BR71A106KE51L
10 µF
0805
COUT
Murata
GRM21BR60J226ME39L
22 µF
0805
L
TDK
VLCF4020T-2R2N1R7
2.2 µH
4 x 4 x 2 mm
Coilcraft
XFL4020-222ME
4 x 4 x 2 mm
R1
560 k
Ω (V
O = 3.3 V)
(2)
0402
R2
100 k
Ω
0402
1.
Above listed components refer to typical application. Operation of the STBB1-A is not limited to the choice of these external
components.
2.
R1 and R2 are calculated according to the following formula:
R1 = R2 x (VOUT/VFB - 1)
Suggested value for R2 is 100 k
Ω. In order to reduce the quiescent current a maximum value of 500 kΩ is possible.


Similar Part No. - STBB1-APUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
More results

Similar Description - STBB1-APUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
[Old version datasheet]   1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
[Old version datasheet]   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
   2 A, high efficiency single inductor buck-boost DC-DC converter
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com