Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH275-316 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SH275-316
Description  Heat Shrinkable Irradiated Polyolefin Tubing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SH275-316 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SH275-316 Datasheet HTML 1Page - List of Unclassifed Manufacturers SH275-316 Datasheet HTML 2Page - List of Unclassifed Manufacturers SH275-316 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
possess any residual radioactivity.
To Top of Page
To Additional Heat Shrinkable Tubing
To Heat Shrinkable Tubing Cross Reference Property Chart
Back to DABURN’S Home Page.
Daburn electronics & cable corp.
224 Pegasus Ave.
Northvale, NJ 07647
Tel: 201-768-5400
Fax: 201-768-9642
E-Mail: daburn@daburn.com
URL: http://www.daburn.com/
Properties Of SH275
Operating Temperature
-55°C To +135°C
Shrinkage Temperature Nom: 90°C/194°F
Shrink Ratio:
2:1
Longitudinal Change, Max.: ±5%
Page 3 of 3
SH275 Heat Shrinkable Irradiated Polyolefin Tubing
11/15/2002
http://www.daburn.com/sh275.html


Similar Part No. - SH275-316

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SH276P SECOS-SH276P Datasheet
541Kb / 5P
   Hall Effect Latch Sink Driver IC
More results

Similar Description - SH275-316

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGAT MACOM-CGAT Datasheet
48Kb / 2P
   Adhesive lined polyolefin heat-shrinkable tubing
logo
TE Connectivity Ltd
DWHF TEC-DWHF Datasheet
169Kb / 2P
   DWHF – IRRADIATED MODIFIED POLYOLEFIN DUAL WALL HEAT SHRINK TUBING
Rev. A
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
   Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
logo
TE Connectivity Ltd
DR-25 TEC-DR-25 Datasheet
107Kb / 2P
   Heat-Shrinkable Tubing
logo
Alpha Wire
FIT350 ALPHAWIRE-FIT350 Datasheet
25Kb / 3P
   Heat Shrinkable Tubing
logo
Tyco Electronics
TRV-160 MACOM-TRV-160 Datasheet
46Kb / 2P
   Electrically insulating PVC heat shrinkable tubing
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
   Semirigid, encapsulant-lined, heat-shrinkable tubing
logo
List of Unclassifed Man...
ST-DG ETC1-ST-DG Datasheet
496Kb / 1P
   Low Smoke Heat-Shrinkable Rubber Tubing
logo
3M Electronics
SFTW-203 3M-SFTW-203 Datasheet
13Kb / 2P
   Tubing Very Flexible Polyolefin
logo
Adam Technologies, Inc.
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
   HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com