Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8536AG Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS8536AG
Description  Low Skew, 1-to-6, Crystal LVCMOS Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8536AG Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS8536AG Datasheet HTML 7Page - Integrated Device Technology ICS8536AG Datasheet HTML 8Page - Integrated Device Technology ICS8536AG Datasheet HTML 9Page - Integrated Device Technology ICS8536AG Datasheet HTML 10Page - Integrated Device Technology ICS8536AG Datasheet HTML 11Page - Integrated Device Technology ICS8536AG Datasheet HTML 12Page - Integrated Device Technology ICS8536AG Datasheet HTML 13Page - Integrated Device Technology ICS8536AG Datasheet HTML 14Page - Integrated Device Technology ICS8536AG Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ICS8536-01 Data Sheet
CRYSTAL/LVCMOS/DIFFERENTIAL-TO-LVPECL FANOUT BUFFER
ICS8536AG-01 REVISION B AUGUST 17, 2012
11
©2012 Integrated Device Technology, Inc.
OVERDRIVING THE CRYSTAL INTERFACE
The XTAL_IN input can be overdriven by an LVCMOS driver or
by one side of a differential driver through an AC coupling
capacitor. The XTAL_OUT pin can be left floating. The ampli-
tude of the input signal should be between 500mV and 1.8V
and the slew rate should not be less than 2V/nS. For 3.3V
LVCMOS inputs, the amplitude must be reduced from full swing
to at least half the swing in order to prevent signal interference
with the power rail and to reduce internal noise.
Figure 3 shows
an example of the interface diagram for a high speed 3.3V
LVCMOS driver. This configuration requires that the sum of the
output impedance of the driver (Ro) and the series resistance
(Rs) equals the transmission line impedance. In addition,
matched termination at the crystal input will attenuate the
signal in half. This can be done in one of two ways. First, R1
and R2 in parallel should equal the transmission line imped-
ance. For most 50
Ω applications, R1 and R2 can be 100Ω. This
can also be accomplished by removing R1 and changing R2 to
50
Ω. The values of the resistors can be increased to reduce the
loading for slower and weaker LVCMOS driver. Figure 3 shows
an example of the interface diagram for an LVPECL driver. This
is a standard LVPECL termination with one side of the driver
feeding the XTAL_IN input. It is recommended that all compo-
nents in the schematics be placed in the layout. Though some
components might not be used, they can be utilized for debug-
ging purposes. The datasheet specifications are characterized
and guaranteed by using a quartz crystal as the input.
VCC
XTAL_OUT
XTAL_IN
R1
100
R2
100
Zo = 50 ohms
Rs
Ro
Zo = Ro + Rs
C1
.1uf
LVCMOS Driver
FIGURE 3A. GENERAL DIAGRAM FOR LVCMOS DRIVER TO XTAL INPUT INTERFACE
XTAL_OUT
XTAL_IN
Zo = 50 ohms
C2
.1uf
LVPECL Driver
Zo = 50 ohms
R1
50
R2
50
R3
50
FIGURE 3B. GENERAL DIAGRAM FOR LVPECL DRIVER TO XTAL INPUT INTERFACE


Similar Part No. - ICS8536AG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8536AG-01LF RENESAS-ICS8536AG-01LF Datasheet
469Kb / 22P
   Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
2019
ICS8536AG-01LFT RENESAS-ICS8536AG-01LFT Datasheet
469Kb / 22P
   Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
2019
More results

Similar Description - ICS8536AG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8536-01 RENESAS-ICS8536-01 Datasheet
469Kb / 22P
   Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
2019
logo
Pericom Semiconductor C...
PI6C4911506-06 PERICOM-PI6C4911506-06 Datasheet
967Kb / 7P
   Low Skew, 1-To-6, Crystal/LVCMOS/Differential - 3.3V, 2.5V LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8536-02 IDT-ICS8536-02 Datasheet
884Kb / 17P
   Low Skew, 1-to-6, Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL Fanout Buffer
ICS8536I-33 IDT-ICS8536I-33 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-6, CRYSTAL OSCILLATOR/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS FANOUT BUFFER
logo
Renesas Technology Corp
8536I-33 RENESAS-8536I-33 Datasheet
575Kb / 20P
   Low Skew, 1-to-6, Crystal Oscillator/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
7/10/15
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01 Datasheet
409Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
PI6C48533-01 PERICOM-PI6C48533-01_15 Datasheet
668Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
   3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com