Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPG510BS Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSPG510BS
Description  SPECIFICATIONS FOR GREEN LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPG510BS Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSPG510BS Datasheet HTML 1Page - NICHIA CORPORATION NSPG510BS Datasheet HTML 2Page - NICHIA CORPORATION NSPG510BS Datasheet HTML 3Page - NICHIA CORPORATION NSPG510BS Datasheet HTML 4Page - NICHIA CORPORATION NSPG510BS Datasheet HTML 5Page - NICHIA CORPORATION NSPG510BS Datasheet HTML 6Page - NICHIA CORPORATION NSPG510BS Datasheet HTML 7Page - NICHIA CORPORATION NSPG510BS Datasheet HTML 8Page - NICHIA CORPORATION NSPG510BS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NICHIA STS-DA1-2691 <Cat.No.130228>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
35
mA
Pulse Forward Current
IFP
110
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
124
mW
Operating Temperature
Topr
-30~85
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
100
°C
* Absolute Maximum Ratings at TA=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Unit
Forward Voltage
VF
IF=20mA
3.2
V
Reverse Current
IR
VR=5V
-
µA
Luminous Intensity
Iv
IF=20mA
16.0
cd
x
-
IF=20mA
0.17
-
Chromaticity Coordinate
y
-
IF=20mA
0.70
-
* Characteristics at TA=25°C.
* Luminous Intensity value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.


Similar Part No. - NSPG510BS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPG510AS NICHIA-NSPG510AS Datasheet
206Kb / 15P
   GREEN LED
logo
Marl International Limi...
NSPG510AS MARL-NSPG510AS Datasheet
484Kb / 14P
   GREEN LED
logo
AAEON Technology
NSPG510AS AAEON-NSPG510AS Datasheet
484Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG510AS AAEON-NSPG510AS_15 Datasheet
484Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
logo
List of Unclassifed Man...
NSPG510S ETC-NSPG510S Datasheet
276Kb / 15P
   NICHIA GREEN LED
More results

Similar Description - NSPG510BS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPG336AS NICHIA-NSPG336AS Datasheet
245Kb / 16P
   SPECIFICATIONS FOR GREEN LED
NESG064T NICHIA-NESG064T_14 Datasheet
337Kb / 17P
   SPECIFICATIONS FOR GREEN LED
NSPG500DS NICHIA-NSPG500DS Datasheet
252Kb / 16P
   SPECIFICATIONS FOR GREEN LED
NCSG119T NICHIA-NCSG119T Datasheet
328Kb / 17P
   SPECIFICATIONS FOR GREEN LED
NHSG064 NICHIA-NHSG064 Datasheet
297Kb / 17P
   SPECIFICATIONS FOR GREEN LED
NHSG046T NICHIA-NHSG046T_14 Datasheet
317Kb / 17P
   SPECIFICATIONS FOR GREEN LED
NEPG510S NICHIA-NEPG510S Datasheet
252Kb / 16P
   SPECIFICATIONS FOR GREEN LED
NSPG300D NICHIA-NSPG300D Datasheet
234Kb / 16P
   SPECIFICATIONS FOR GREEN LED
NSPG310B NICHIA-NSPG310B_14 Datasheet
234Kb / 16P
   SPECIFICATIONS FOR GREEN LED
logo
List of Unclassifed Man...
NSPG636AS ETC1-NSPG636AS Datasheet
365Kb / 15P
   SPECIFICATIONS FOR NICHIA GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com