Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPA510BS Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSPA510BS
Description  SPECIFICATIONS FOR AMBER LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPA510BS Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSPA510BS Datasheet HTML 1Page - NICHIA CORPORATION NSPA510BS Datasheet HTML 2Page - NICHIA CORPORATION NSPA510BS Datasheet HTML 3Page - NICHIA CORPORATION NSPA510BS Datasheet HTML 4Page - NICHIA CORPORATION NSPA510BS Datasheet HTML 5Page - NICHIA CORPORATION NSPA510BS Datasheet HTML 6Page - NICHIA CORPORATION NSPA510BS Datasheet HTML 7Page - NICHIA CORPORATION NSPA510BS Datasheet HTML 8Page - NICHIA CORPORATION NSPA510BS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NICHIA STS-DA1-1286 <Cat.No.110201>
2
RANKS
Item
Rank
Min.
Max.
Unit
Forward Voltage
-
2.65
3.45
V
Reverse Current
-
-
50
µA
U
8.4
11.8
T
5.9
8.4
Luminous Intensity
S
4.2
5.9
cd
Color Rank
Rank L
x
0.603
0.532
0.522
0.589
y
0.397
0.467
0.460
0.393
* Ranking at TA=25°C.
* Reverse Current at VR=5V.
* Tolerance of measurements of the Forward Voltage is ±0.05V.
* Tolerance of measurements of the Luminous Intensity is ±10%.
* Tolerance of measurements of the Chromaticity Coordinate is ±0.01.
* Basically, a shipment shall consist of the LEDs of a combination of the above ranks. The percentage of each rank
in the shipment shall be determined by Nichia.


Similar Part No. - NSPA510BS

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
NSPA510AS MARL-NSPA510AS Datasheet
503Kb / 13P
   AMBER LED
logo
AAEON Technology
NSPA510AS AAEON-NSPA510AS Datasheet
503Kb / 13P
   SPECIFICATIONS FOR NICHIA AMBER LED
NSPA510AS AAEON-NSPA510AS_15 Datasheet
503Kb / 13P
   SPECIFICATIONS FOR NICHIA AMBER LED
More results

Similar Description - NSPA510BS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESA064T NICHIA-NESA064T_14 Datasheet
307Kb / 17P
   SPECIFICATIONS FOR AMBER LED
NFSA172 NICHIA-NFSA172 Datasheet
324Kb / 16P
   SPECIFICATIONS FOR AMBER LED
NCSA119T NICHIA-NCSA119T Datasheet
300Kb / 17P
   SPECIFICATIONS FOR AMBER LED
NJSA172 NICHIA-NJSA172 Datasheet
295Kb / 17P
   SPECIFICATIONS FOR AMBER LED
NHSA046 NICHIA-NHSA046 Datasheet
269Kb / 17P
   SPECIFICATIONS FOR AMBER LED
logo
AAEON Technology
NSPA510AS AAEON-NSPA510AS_15 Datasheet
503Kb / 13P
   SPECIFICATIONS FOR NICHIA AMBER LED
logo
NICHIA CORPORATION
NSPA310S NICHIA-NSPA310S Datasheet
513Kb / 13P
   SPECIFICATIONS FOR NICHIA AMBER LED
logo
AAEON Technology
NSPA510AS AAEON-NSPA510AS Datasheet
503Kb / 13P
   SPECIFICATIONS FOR NICHIA AMBER LED
logo
NICHIA CORPORATION
NGPAR70ASS NICHIA-NGPAR70ASS Datasheet
268Kb / 13P
   AMBER LED
logo
Lucky Light Electronic
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1 Datasheet
137Kb / 7P
   Amber LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com