Electronic Components Datasheet Search |
|
NSPA510BS Datasheet(PDF) 6 Page - NICHIA CORPORATION |
|
NSPA510BS Datasheet(HTML) 6 Page - NICHIA CORPORATION |
6 / 16 page NICHIA STS-DA1-1286 <Cat.No.110201> 5 SOLDERING • Hand Soldering Temperature 350°C Max. Soldering Time 3 sec. Max. Position No closer than 3mm from the base of the lens. • Dip Soldering Pre-Heat 120°C Max. Pre-Heat Time 60 sec. Max. Solder Bath Temperature 260°C Max. Dipping Time 10 sec.Max Dipping Position No closer than 3mm from the base of the lens. * Solder the LED no closer than 3 mm from the base of the lens. Soldering beyond the base of the tie bar is recommended. * Dip soldering and manual soldering must only be done once. * A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature. * Do not apply any stress to the lead particularly when heated. * After soldering, the LED position must not be corrected. * After soldering, NO mechanical shock or vibration should be applied to LED lens until the LEDs cool down to room temperature. * In order to avoid damage on the lens during cutting and clinching the leads, it is not recommended to solder the LEDs directly on customer PCB without any gap between the lens and the board. If it is unavoidable, customer is advised to check whether such soldering will not cause wire breakage or lens damage. Direct soldering to double-sided PCBs must be avoided due to an increased effect of heat on the lens. * When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize the mechanical stress on the LEDs. * Cut the LED lead frames at room temperature. Cutting the lead frames at high temperature may cause failure of the LEDs. |
Similar Part No. - NSPA510BS |
|
Similar Description - NSPA510BS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |