Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1667-010 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1667-010
Description  Digital Resistor with OP AMP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1667-010 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1667-010 Datasheet HTML 2Page - Dallas Semiconductor DS1667-010 Datasheet HTML 3Page - Dallas Semiconductor DS1667-010 Datasheet HTML 4Page - Dallas Semiconductor DS1667-010 Datasheet HTML 5Page - Dallas Semiconductor DS1667-010 Datasheet HTML 6Page - Dallas Semiconductor DS1667-010 Datasheet HTML 7Page - Dallas Semiconductor DS1667-010 Datasheet HTML 8Page - Dallas Semiconductor DS1667-010 Datasheet HTML 9Page - Dallas Semiconductor DS1667-010 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DS1667
10 of 10
OPERATIONAL AMPLIFIER SECTION
AC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC = 5.0V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Slew Rate
VSL
0.7
2
V/µs
6
Gain Bandwidth Product
GBP
2.5
MHz
5
Phase Margin
PM
75
deg
5
Gain Margin
GM
20
dB
5
Amp-to-Amp Isolation
AAI
130
dB
Input Referred Voltage Noise
IRVF
100
nV/ Hz
F=1 kHz
Input Referred Current Noise
IRV1
0.0002
pA/ Hz
F=1 kHz
Total Harmonic Distortion
HD
0.1
%
F=10 kHz
AV=-10
RL=2k
VO = 1VPP
NOTES:
1. All voltages are referenced to ground.
2. Resistor inputs cannot exceed the substrate bias voltage in the negative direction.
3. Measured with a load as shown in Figure 8.
4. Over a frequency range of 0 - 1 kHz.
5. Load is RL = 600
ΩC
L = 10 pF.
6. VDD = +5.0V VB = -5.0V connected as voltage follower with 10V step input and RL =
∞.
7. To achieve best op amp performance, VDD = +5.0V VB = -5.0V and analog ground = 0V. In general
analog ground =
2
V
V
B
DD
+
.
8. OP AMPS idle, no load.
9. Valid at 25
°C only.
LOAD SCHEMATIC Figure 8


Similar Part No. - DS1667-010

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS166 LUMILEDS-DS166 Datasheet
2Mb / 16P
   Unsurpassed light quality and CBCP due to small LES
logo
Dallas Semiconductor
DS1666 DALLAS-DS1666 Datasheet
49Kb / 7P
   Audio Digital Resistor
logo
Maxim Integrated Produc...
DS1666 MAXIM-DS1666 Datasheet
137Kb / 9P
   Audio Digital Resistor
102899
logo
Dallas Semiconductor
DS1666-010 DALLAS-DS1666-010 Datasheet
49Kb / 7P
   Audio Digital Resistor
logo
Maxim Integrated Produc...
DS1666-010 MAXIM-DS1666-010 Datasheet
137Kb / 9P
   Audio Digital Resistor
102899
More results

Similar Description - DS1667-010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8798EVKIT MAXIM-MAX8798EVKIT Datasheet
250Kb / 13P
   Resistor-Adjustable Switching Regulator and Op-Amp Output Range
Rev 1; 9/08
MAX17102EVKIT MAXIM-MAX17102EVKIT Datasheet
539Kb / 14P
   Resistor-Adjustable Switching Regulator and Op-Amp Output Range
Rev 0; 5/09
logo
Semicoa Semiconductor
SCA-005OP SEMICOA-SCA-005OP Datasheet
200Kb / 4P
   Silicon PIN Photodiode with Op Amp
logo
SYNC POWER Crop.
SP435W SYNC-POWER-SP435W Datasheet
98Kb / 7P
   Dual OP AMP with Voltage Regulator
logo
AUK corp
S4580 AUK-S4580 Datasheet
358Kb / 5P
   Dual OP AMP
S4580P AUK-S4580P Datasheet
364Kb / 4P
   Dual OP AMP
logo
Guangdong Youtai Semico...
LM358A UMW-LM358A Datasheet
397Kb / 5P
   Dual op amp
logo
Gamma Microelectronics ...
GM358 GAMMA-GM358 Datasheet
1Mb / 1P
   Op-Amp Comparators
logo
KODENSHI_AUK CORP.
S4580P KODENSHI-S4580P Datasheet
147Kb / 5P
   Dual OP AMP
logo
Guangdong Youtai Semico...
LM2904DR UMW-LM2904DR Datasheet
466Kb / 5P
   Dual op amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com