Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1230AB-P150IND Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1230AB-P150IND
Description  256k Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1230AB-P150IND Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1230AB-P150IND Datasheet HTML 1Page - Dallas Semiconductor DS1230AB-P150IND Datasheet HTML 2Page - Dallas Semiconductor DS1230AB-P150IND Datasheet HTML 3Page - Dallas Semiconductor DS1230AB-P150IND Datasheet HTML 4Page - Dallas Semiconductor DS1230AB-P150IND Datasheet HTML 5Page - Dallas Semiconductor DS1230AB-P150IND Datasheet HTML 6Page - Dallas Semiconductor DS1230AB-P150IND Datasheet HTML 7Page - Dallas Semiconductor DS1230AB-P150IND Datasheet HTML 8Page - Dallas Semiconductor DS1230AB-P150IND Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DS1230Y/AB
4 of 12
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
510
pF
Input/Output Capacitance
CI/O
510
pF
AC ELECTRICAL
(VCC=5V
±=5% for DS1230AB)
CHARACTERISTICS
(tA: See Note 10) (VCC=5V
±=10% for DS1230Y)
DS1230AB-70
DS1230Y-70
DS1230AB-85
DS1230Y-85
DS1230AB-100
DS1230Y-100
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
NOTES
Read Cycle
Time
tRC
70
85
100
ns
Access Time
tACC
70
85
100
ns
OE
to Output
Valid
tOE
35
45
50
ns
CE
to Output
Valid
tCO
70
85
100
ns
OE
or CE to
Output Active
tCOE
55
5
ns
5
Output High Z
from
Deselection
tOD
25
30
35
ns
5
Output Hold
from Address
Change
tOH
55
5
ns
Write Cycle
Time
tWC
70
85
100
ns
Write Pulse
Width
tWP
55
65
75
ns
3
Address Setup
Time
tAW
00
0
ns
Write Recovery
Time
tWR1
tWR2
5
15
5
15
5
15
ns
12
13
Output High Z
from WE
tODW
25
30
35
ns
5
Output Active
from WE
tOEW
55
5
ns
5
Data Setup
Time
tDS
30
35
40
ns
4
Data Hold
Time
tDH1
tDH2
0
10
0
10
0
10
ns
12
13


Similar Part No. - DS1230AB-P150IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230AB-70++ MAXIM-DS1230AB-70+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
DS1230AB-70++ MAXIM-DS1230AB-70+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
DS1230AB-70IND++ MAXIM-DS1230AB-70IND+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
DS1230AB-70IND++ MAXIM-DS1230AB-70IND+ Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
More results

Similar Description - DS1230AB-P150IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1230AB MAXIM-DS1230AB Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
19-5635; Rev 11/10
DS1230Y-120 MAXIM-DS1230Y-120 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
Rev 11/10
logo
Dallas Semiconductor
DS1230Y DALLAS-DS1230Y_10 Datasheet
222Kb / 10P
   256k Nonvolatile SRAM
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
   3.3V 256k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
   3.3V 256K Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1230W MAXIM-DS1230W Datasheet
202Kb / 10P
   3.3V 256k Nonvolatile SRAM
19-5636; Rev 11/10
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
logo
Dallas Semiconductor
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
   256k Nonvolatile SRAM with Battery Monitor
DS1330Y DALLAS-DS1330Y_10 Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1330AB MAXIM-DS1330AB Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
19-5593; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com