Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1672 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1672
Description  Low Voltage Serial Timekeeping Chip
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1672 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1672 Datasheet HTML 1Page - Dallas Semiconductor DS1672 Datasheet HTML 2Page - Dallas Semiconductor DS1672 Datasheet HTML 3Page - Dallas Semiconductor DS1672 Datasheet HTML 4Page - Dallas Semiconductor DS1672 Datasheet HTML 5Page - Dallas Semiconductor DS1672 Datasheet HTML 6Page - Dallas Semiconductor DS1672 Datasheet HTML 7Page - Dallas Semiconductor DS1672 Datasheet HTML 8Page - Dallas Semiconductor DS1672 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DS1672
5 of 13
2-WIRE SERIAL DATA BUS
The DS1672 supports a bi-directional 2-wire bus and data transmission protocol. A device that sends
data onto the bus is defined as a transmitter and a device receiving data as a receiver. The device that
controls the message is called a “master." The devices that are controlled by the master are “slaves.” The
bus must be controlled by a master device which generates the serial clock (SCL), controls the bus access,
and generates the START and STOP conditions. The DS1672 operates as a slave on the 2-wire bus.
Connections to the bus are made via the open-drain I/O lines SDA and SCL.
The following bus protocol has been defined (see Figure 4).
Data transfer may be initiated only when the bus is not busy.
During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the
data line while the clock line is high will be interpreted as control signals.
Accordingly, the following bus conditions have been defined:
Bus not busy: Both data and clock lines remain HIGH.
Start data transfer: A change in the state of the data line from high to low, while the clock line is high,
defines a START condition.
Stop data transfer: A change in the state of the data line from low to high, while the clock line is high,
defines a STOP condition.
Data valid: The state of the data line represents valid data when, after a START condition, the data line
is stable for the duration of the high period of the clock signal. The data on the line must be changed
during the low period of the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The
number of data bytes transferred between the START and the STOP conditions is not limited, and is
determined by the master device.
The information is transferred byte-wise and each receiver
acknowledges with a ninth bit.
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge after the
reception of each byte. The master device must generate an extra clock pulse which is associated with
this acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a
way that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse. Of
course, setup and hold times must be taken into account. A master must signal an end of data to the slave
by not generating an acknowledge bit on the last byte that has been clocked out of the slave. In this case,
the slave must leave the data line HIGH to enable the master to generate the STOP condition.


Similar Part No. - DS1672

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
DS1672 MAXIM-DS1672 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672-2 MAXIM-DS1672-2 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
DS1672-3 MAXIM-DS1672-3 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
DS1672-33 MAXIM-DS1672-33 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
More results

Similar Description - DS1672

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
   Serial Timekeeping Chip
DS1302 DALLAS-DS1302_05 Datasheet
649Kb / 16P
   Trickle-Charge Timekeeping Chip
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
   Trickle Charge Timekeeping Chip
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
   Trickle Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
   Trickle Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
   Trickle-Charge Timekeeping Chip
REV: 120208
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
logo
Intersil Corporation
ICM7245B INTERSIL-ICM7245B Datasheet
2Mb / 99P
   TIMEKEEPING DTMF CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com