Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMR2300-D00-485 Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # HMR2300-D00-485
Description  Smart Digital Magnetometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HMR2300-D00-485 Datasheet(HTML) 1 Page - Honeywell Accelerometers

  HMR2300-D00-485 Datasheet HTML 1Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 2Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 3Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 4Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 5Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 6Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 7Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 8Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Smart Digital Magnetometer
HMR2300
The Honeywell HMR2300 is a three-axis smart digital magnetometer to
detect the strength and direction of an incident magnetic field. The three of
Honeywell’s magneto-resistive sensors are oriented in orthogonal directions
to measure the X, Y and Z vector components of a magnetic field. These
sensor outputs are converted to 16-bit digital values using an internal delta-
sigma A/D converter. An onboard EEPROM stores the magnetometer’s
configuration for consistent operation. The data output is serial full-duplex
RS-232 or half-duplex RS-485 with 9600 or 19,200 data rates.
Applications include: Attitude Reference, Compassing & Navigation,
Traffic
and
Vehicle
Detection,
Anomaly
Detection,
Laboratory
Instrumentation and Security Systems.
A RS-232 development kit version is available that includes a windows
compatible demo program, interface cable, AC adapter, and carrying case.
Honeywell continues to maintain product excellence and performance by introducing innovative solid-state magnetic
sensor solutions. These are highly reliable, top performance products that are delivered when promised. Honeywell’s
magnetic sensor solutions provide real solutions you can count on.
FEATURES & BENEFITS
High Accuracy Over 1 gauss, <0.5% Full Scale
Range of 2 gauss, <70 gauss Resolution
Three Axis (X, Y, Z) Digital Outputs
10 to 154 Samples Per Second, Selectable
RS-232 or RS-485 Serial Data Interfaces
PCB or Aluminum Enclosure Options
6-15 volt DC Unregulated Power Supply Interface


Similar Part No. - HMR2300-D00-485

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR2300 HONEYWELL-HMR2300 Datasheet
596Kb / 12P
   Smart Digital Magnetometer
HMR2300R HONEYWELL-HMR2300R Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
HMR2300R-422 HONEYWELL-HMR2300R-422 Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
HMR2300R-485 HONEYWELL-HMR2300R-485 Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
More results

Similar Description - HMR2300-D00-485

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR2300 HONEYWELL-HMR2300 Datasheet
596Kb / 12P
   Smart Digital Magnetometer
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110_12 Datasheet
369Kb / 28P
   Three-Axis, Digital Magnetometer
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
   3-Axis, Digital Magnetometer
logo
Rohm
BM1422AGMV ROHM-BM1422AGMV Datasheet
2Mb / 29P
   3-Axis Digital Magnetometer IC
logo
NXP Semiconductors
MAG3110 NXP-MAG3110 Datasheet
470Kb / 30P
   Xtrinsic MAG3110 Three-Axis, Digital Magnetometer
Rev. 9.2, 02/2013
logo
Melexis Microelectronic...
MLX90392 MELEXIS-MLX90392 Datasheet
2Mb / 40P
   3D Magnetometer
logo
List of Unclassifed Man...
IST8310 ETC-IST8310 Datasheet
251Kb / 9P
   3D Magnetometer
Version 1.2
logo
Melexis Microelectronic...
MLX90393 MELEXIS-MLX90393 Datasheet
618Kb / 27P
   Micropower Triaxis Magnetometer
logo
Bosch Sensortec GmbH
BMM350 BOSCH-BMM350 Datasheet
328Kb / 3P
   High-performance magnetometer
Version_1.0_102022
logo
PCE Instruments.
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
   Magnetometer PCE-MFM 2400
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com