Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMR2300-D20-232 Datasheet(PDF) 10 Page - Honeywell Accelerometers

Part # HMR2300-D20-232
Description  Smart Digital Magnetometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HMR2300-D20-232 Datasheet(HTML) 10 Page - Honeywell Accelerometers

Back Button HMR2300-D20-232 Datasheet HTML 4Page - Honeywell Accelerometers HMR2300-D20-232 Datasheet HTML 5Page - Honeywell Accelerometers HMR2300-D20-232 Datasheet HTML 6Page - Honeywell Accelerometers HMR2300-D20-232 Datasheet HTML 7Page - Honeywell Accelerometers HMR2300-D20-232 Datasheet HTML 8Page - Honeywell Accelerometers HMR2300-D20-232 Datasheet HTML 9Page - Honeywell Accelerometers HMR2300-D20-232 Datasheet HTML 10Page - Honeywell Accelerometers HMR2300-D20-232 Datasheet HTML 11Page - Honeywell Accelerometers HMR2300-D20-232 Datasheet HTML 12Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HMR2300
10
www.honeywell.com
OUTPUT SAMPLE RATES
The sample rate can be varied from 10 samples per second (sps) to 154 sps using the *ddR=nnn command. Each sample
contains an X, Y, and Z reading and can be outputted in either 16-bit signed binary or binary coded decimal (BCD) ASCII.
The ASCII format shows the standard numeric characters displayed on the host computer display. Some sample rates
may have restrictions on the format and baud rate used, due to transmission time constraints.
There are 7 Bytes transmitted for every reading binary format and 28 Bytes per reading in ASCII format. Transmission
times for 9600 baud are about 1 msec/Byte and for 19,200 baud are about 0.5msec/Byte. The combinations of format and
and baud rate selections are shown in the above Table. The default setting of ASCII format and 9600 baud will only
transmit correctly up to 30 sps. Note the HMR2300 will output a higher data settings, but the readings may be incorrect
and will be at alower output rate than selected.
For higher sample rates (>60 sps), it is advised that host computer settings for the terminal preferences be set so a line
feed <lf> is not appended to the sent commands. This slows down the reception of data, and it will not be able to keep up
with the incoming data stream.
INPUT SIGNAL ATTENUATION
Magnetic signals being measured will be attenuated based on the sample rate selected. The bandwidth, defined by the
3dB point, is shown in the above Table for each sample rate. The default rate of 20 sps has a bandwidth of 17Hz. The
digital filter inside the HMR2300 is the combination of a comb filter and a low pass filter. This provides a linear phase
response with a transfer function that has zeros in it.
When the 10 or 20 sps rate is used, the zeros are at the line frequencies of 50 and 60 Hz. These zeros provide better than
125 dB rejection. All multiples of the zeros extend throughout the transfer function. For example, the 10 and 20 sps rate
has zeros at 50, 60, 100, 120, 150, 180, ... Hz. The multiples of the zeros apply to all the sample rates against the stated
notch frequencies in the above Table.
COMMAND INPUT RATE
The HMR2300 limits how fast the command bytes can be recieved based on the sample rate selected. The above Table
shows the minimum time between command bytes for the HMR2300 to correctly read them. This is usually not a problem
when the user is typing the commands from the host computer. The problem could arise from an application program
outputting command bytes too quickly.
CIRCUIT DESCRIPTION
The HMR2200 Smart Digital Magnetometer contains all the basic sensors and electronics to provide digital indication of
magnetic field strength and direction. The HMR2300 has all three axis of magnetic sensors on the far end of the printed
circuit board, away from the J1 and J2 connector interfaces. The HMR2300 uses the circuit board mounting holes or the
enclosure surfaces as the reference mechanical directions. The complete HMR2300 PCB assembly consists of a mother
board, daughter board, and the 9-pin D-connector (J1).
The HMR2300 circuit starts with Honeywell HMC2003 3-Axis Magnetic Sensor Hybrid to provide X, Y, and Z axis
magnetic sensing of the earth’s field. The HMC2003 contains the AMR sensing bridge elements, a constant current
source bridge supply, three precision instrumentation amplifiers, and factory hand-selected trim resistors optimized for
performance for magnetic field gain and offset. The HMC2003 is a daughter board that plugs into the HMC2300
motherboard, and the hybrid analog voltages from each axis is into analog multiplexors and then into three 16-bit Analog
to Digital Converters (ADCs) for digitization. No calibration is necessary as the HMC2003 hybrid contains all the
compensation for the sensors, and the set/reset routine handles the temperature drift corrections. A microcontroller
integrated circuit receives the digitized magnetic field values (readings) by periodically querying the ADCs and performs
any offset corrections. This microcontroller also performs the external serial data interface and other housekeeping
functions. An onboard EEPROM integrated circuit is employed to retain necessary setup variables for best performance.
The power supply for the HMR2300 circuit is regulated +5 volt design (LM2931M) with series polarity power inputs diodes
in case of accidental polarity reversal. A charge pump circuit is used to boost the regulated voltage for the set/reset pulse
function going to the set/reset straps onboard the HMC2003. Transient protection absorbers are placed on the TD, RD,
and V+ connections to J1.


Similar Part No. - HMR2300-D20-232

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR2300 HONEYWELL-HMR2300 Datasheet
596Kb / 12P
   Smart Digital Magnetometer
HMR2300R HONEYWELL-HMR2300R Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
HMR2300R-422 HONEYWELL-HMR2300R-422 Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
HMR2300R-485 HONEYWELL-HMR2300R-485 Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
More results

Similar Description - HMR2300-D20-232

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR2300 HONEYWELL-HMR2300 Datasheet
596Kb / 12P
   Smart Digital Magnetometer
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110_12 Datasheet
369Kb / 28P
   Three-Axis, Digital Magnetometer
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
   3-Axis, Digital Magnetometer
logo
Rohm
BM1422AGMV ROHM-BM1422AGMV Datasheet
2Mb / 29P
   3-Axis Digital Magnetometer IC
logo
NXP Semiconductors
MAG3110 NXP-MAG3110 Datasheet
470Kb / 30P
   Xtrinsic MAG3110 Three-Axis, Digital Magnetometer
Rev. 9.2, 02/2013
logo
Melexis Microelectronic...
MLX90392 MELEXIS-MLX90392 Datasheet
2Mb / 40P
   3D Magnetometer
logo
List of Unclassifed Man...
IST8310 ETC-IST8310 Datasheet
251Kb / 9P
   3D Magnetometer
Version 1.2
logo
Melexis Microelectronic...
MLX90393 MELEXIS-MLX90393 Datasheet
618Kb / 27P
   Micropower Triaxis Magnetometer
logo
Bosch Sensortec GmbH
BMM350 BOSCH-BMM350 Datasheet
328Kb / 3P
   High-performance magnetometer
Version_1.0_102022
logo
PCE Instruments.
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
   Magnetometer PCE-MFM 2400
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com