Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT24C16A-USR-T Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FT24C16A-USR-T
Description  Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT24C16A-USR-T Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FT24C16A-USR-T Datasheet HTML 1Page - List of Unclassifed Manufacturers FT24C16A-USR-T Datasheet HTML 2Page - List of Unclassifed Manufacturers FT24C16A-USR-T Datasheet HTML 3Page - List of Unclassifed Manufacturers FT24C16A-USR-T Datasheet HTML 4Page - List of Unclassifed Manufacturers FT24C16A-USR-T Datasheet HTML 5Page - List of Unclassifed Manufacturers FT24C16A-USR-T Datasheet HTML 6Page - List of Unclassifed Manufacturers FT24C16A-USR-T Datasheet HTML 7Page - List of Unclassifed Manufacturers FT24C16A-USR-T Datasheet HTML 8Page - List of Unclassifed Manufacturers FT24C16A-USR-T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
24C04A, 24C08A, 24C16A
© 2009 Fremont Micro Devices Inc.
DS3001M-page5
DEVICE ADDRESSING
The 2-wire serial bus protocol mandates an 8 bits device address word after a START bit condition to invoke valid read
or write command. The first four most significant bits of the device address must be 1010, which is common to all
serial EEPROM devices. The next three bits are device address bits. These three device address bits (5th, 6th and 7th) are
to match with the external chip select/address pin states. If a match is made, the EEPROM device outputs an
ACKNOWLEDGE signal after the 8th read/write bit, otherwise the chip will go into STANDBY mode. However,
matching may not be needed for some or all device address bits (5th, 6th and 7th) as noted below. The last or 8th bit is a
read/write command bit. If the 8th bit is at VIH then the chip goes into read mode. If a “0” is detected, the device enters
programming mode.
FT24C04A uses A2 (5th) and A1 (6th) device address bits. Only four FT24C04A devices can be wired-OR on the same
2-wire bus. Their corresponding chip select address pins A2 and A1 must be hard wired and coded from 00 (b) to 11
(b). Chip select address pin A0 is not used.
FT24C08A uses only A2 (5th) device address bit. Only two FT24C08A devices can be wired-OR on the same 2-wire
bus. Their corresponding chip select address pin A2 must be hard-wired and coded from 0 (b) to 1 (b). Chip select
address pins A1 and A0 are not used.
FT24C16A does not use any device address bit. Only one FT24C16A device can be used on the on 2-wire bus. Chip
Select address pins A2, A1, and A0 are not used.
WRITE OPERATIONS
(A) BYTE WRITE
A byte write operation starts when a micro-controller sends a START bit condition, follows by a proper EEPROM
device address and then a write command. If the device address bits match the chip select address, the EEPROM
device will acknowledge at the 9th clock cycle. The micro-controller will then send the rest of the lower 8 bits word
address. At the 18th cycle, the EEPROM will acknowledge the 8-bit address word. The micro-controller will then
transmit the 8 bit data. Following an ACKNOWLDEGE signal from the EEPROM at the 27th clock cycle, the
micro-controller will issue a STOP bit. After receiving the STOP bit, the EEPROM will go into a self-timed
programming mode during which all external inputs will be disabled. After a programming time of TWC, the byte
programming will finish and the EEPROM device will return to the STANDBY mode.
(B) PAGE WRITE
A page write is similar to a byte write with the exception that one to sixteen bytes can be programmed along the
same page or memory row. All FT24C04A/08A/16A are organized to have 16 bytes per memory row or page.
With the same write command as the byte write, the micro-controller does not issue a STOP bit after sending the
1st byte data and receiving the ACKNOWLEDGE signal from the EEPROM on the 27th clock cycle. Instead it
sends out a second 8-bit data word, with the EEPROM acknowledging at the 36th cycle. This data sending and
EEPROM acknowledging cycle repeats until the micro-controller sends a STOP bit after the n
 9th clock cycle.
After which the EEPROM device will go into a self-timed partial or full page programming mode. After the page
programming completes after a time of TWC, the devices will return to the STANDBY mode.


Similar Part No. - FT24C16A-USR-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C16A-USR-T ETC2-FT24C16A-USR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
More results

Similar Description - FT24C16A-USR-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C04A-ULR-T ETC2-FT24C04A-ULR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
logo
Renesas Technology Corp
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com