Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1244W-120IND Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1244W-120IND
Description  256k NV SRAM with Phantom Clock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1244W-120IND Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1244W-120IND Datasheet HTML 7Page - Dallas Semiconductor DS1244W-120IND Datasheet HTML 8Page - Dallas Semiconductor DS1244W-120IND Datasheet HTML 9Page - Dallas Semiconductor DS1244W-120IND Datasheet HTML 10Page - Dallas Semiconductor DS1244W-120IND Datasheet HTML 11Page - Dallas Semiconductor DS1244W-120IND Datasheet HTML 12Page - Dallas Semiconductor DS1244W-120IND Datasheet HTML 13Page - Dallas Semiconductor DS1244W-120IND Datasheet HTML 14Page - Dallas Semiconductor DS1244W-120IND Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DS1244/DS1244P
11 of 19
MEMORY AC ELECTRICAL CHARACTERISTICS
Over the operating range (3.3V)
DS1244W-120
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Read Cycle Time
tRC
120
ns
Access Time
tACC
120
ns
OE
to Output Valid
tOE
60
ns
CE
to Output Valid
tCO
120
ns
OE
or CE to Output Active
tCOE
5ns
5
Output High-Z from Deselection
tOD
40
ns
5
Output Hold from Address Change
tOH
5ns
Write Cycle Time
tWC
120
ns
Write Pulse Width
tWP
90
ns
3
Address Setup Time
tAW
0ns
Write Recovery Time
tWR
20
ns
10
Output High-Z from WE
tODW
40
ns
5
Output Active from WE
tOEW
5ns
5
Data Setup Time
tDS
50
ns
4
Data Hold Time from WE
tDH
20
ns
4
PHANTOM CLOCK AC ELECTRICAL CHARACTERISTICS
Over the operating range (3.3V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Read Cycle Time
tRC
120
ns
CE
Access Time
tCO
100
ns
OE
Access Time
tOE
100
ns
CE
to Output Low-Z
tCOE
5ns
OE
to Output Low-Z
tOEE
5ns
CE
to Output High-Z
tOD
40
ns
5
OE
to Output High-Z
tODO
40
ns
5
Read Recovery
tRR
20
ns
Write Cycle Time
tWC
120
ns
Write Pulse Width
tWP
100
ns
3
Write Recovery
tWR
20
ns
10
Data Setup Time
tDS
45
ns
4
Data Hold Time
tDH
0ns
4
CE
Pulse Width
tCW
105
ns
RESET
Pulse Width
tRST
120
ns


Similar Part No. - DS1244W-120IND

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
DS1244W-120IND ARTSCHIP-DS1244W-120IND Datasheet
446Kb / 16P
   NV SRAM with Phantom Clock
More results

Similar Description - DS1244W-120IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1244Y DALLAS-DS1244Y Datasheet
94Kb / 12P
   256K NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1244 MAXIM-DS1244 Datasheet
644Kb / 20P
   256K NV SRAM with Phantom Clock
Rev 11/11
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
   NV SRAM with Phantom Clock
DS1244 ARTSCHIP-DS1244 Datasheet
446Kb / 16P
   NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1243Y MAXIM-DS1243Y Datasheet
521Kb / 14P
   64K NV SRAM with Phantom Clock
Rev 11/11
logo
Dallas Semiconductor
DS1251 DALLAS-DS1251 Datasheet
291Kb / 22P
   4096k NV SRAM with Phantom Clock
DS1243Y DALLAS-DS1243Y Datasheet
349Kb / 13P
   64K NV SRAM with Phantom Clock
DS1251Y DALLAS-DS1251Y Datasheet
93Kb / 12P
   4096K NV SRAM with Phantom Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com