Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT24C08A-USR-B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FT24C08A-USR-B
Description  Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT24C08A-USR-B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FT24C08A-USR-B Datasheet HTML 2Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 3Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 4Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 5Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 6Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 7Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 8Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 9Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
24C04A, 24C08A, 24C16A
The least significant 4 bits of the word address (column address) increments internally by one after receiving each
data word. The rest of the word address bits (row address) do not change internally, but pointing to a specific
memory row or page to be programmed. The first page write data word can be of any column address. Up to 16
data words can be loaded into a page. If more then 16 data words are loaded, the 17th data word will be loaded to
the 1st data word column address. The 18th data word will be loaded to the 2nd data word column address and so on.
In other word, data word address (column address) will “roll” over the previously loaded data.
(C) ACKNOWLEDGE POLLING
ACKNOWLEDGE polling may be used to poll the programming status during a self-timed internal programming.
By issuing a valid read or write address command, the EEPROM will not acknowledge at the 9th clock cycle if the
device is still in the self-timed programming mode. However, if the programming completes and the chip has
returned to the STANDBY mode, the device will return a valid ACKNOWLEDGE signal at the 9th clock cycle.
READ OPERATIONS
The read command is similar to the write command except the 8th read/write bit in address word is set to “1”. The three
read operation modes are described as follows:
(A) CURRENT ADDRESS READ
The EEPROM internal address word counter maintains the last read or write address plus one if the power supply
to the device has not been cut off. To initiate a current address read operation, the micro-controller issues a
START bit and a valid device address word with the read/write bit (8th) set to “1”. The EEPROM will response
with an ACKNOWLEDGE signal on the 9th serial clock cycle. An 8-bit data word will then be serially clocked out.
The internal address word counter will then automatically increase by one. For current address read the micro-
controller will not issue an ACKNOWLEDGE signal on the 18th clock cycle. The micro-controller issues a valid
STOP bit after the 18th clock cycle to terminate the read operation. The device then returns to STANDBY mode.
(B) SEQUENTIAL READ
The sequential read is very similar to current address read. The micro-controller issues a START bit and a valid
device address word with read/write bit (8th) set to “1”. The EEPROM will response with an ACKNOWLEDGE
signal on the 9th serial clock cycle. An 8-bit data word will then be serially clocked out. Meanwhile the internally
address word counter will then automatically increase by one. Unlike current address read, the micro-controller
sends an ACKNOWLEDGE signal on the 18th clock cycle signaling the EEPROM device that it wants another byte
of data. Upon receiving the ACKNOWLEDGE signal, the EEPROM will serially clocked out an 8-bit data word
based on the incremented internal address counter. If the micro-controller needs another data, it sends out an
ACKNOWLEDGE signal on the 27th clock cycle. Another 8-bit data word will then be serially clocked out. This
sequential read continues as long as the micro-controller sends an ACKNOWLEDGE signal after receiving a new
data word. When the internal address counter reaches its maximum valid address, it rolls over to the beginning of
the memory array address. Similar to current address read, the micro-controller can terminate the sequential read
by not acknowledging the last data word received, but sending a STOP bit afterwards instead.
(C) RANDOM READ
Random read is a two-steps process. The first step is to initialize the internal address counter with a target read
address using a “dummy write” instruction. The second step is a current address read.
To initialize the internal address counter with a target read address, the micro-controller issues a START bit first,
follows by a valid device address with the read/write bit (8th) set to “0”. The EEPROM will then acknowledge.
The micro-controller will then send the address word. Again the EEPROM will acknowledge. Instead of
sending a valid written data to the EEPROM, the micro-controller performs a current address read instruction to
read the data. Note that once a START bit is issued, the EEPROM will reset the internal programming process and
continue to execute the new instruction - which is to read the current address.
DS3001M-page6
© 2009 Fremont Micro Devices Inc.


Similar Part No. - FT24C08A-USR-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C08A-USR-B ETC2-FT24C08A-USR-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
More results

Similar Description - FT24C08A-USR-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C04A-ULR-T ETC2-FT24C04A-ULR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
logo
Renesas Technology Corp
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com