Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1642-100 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1642-100
Description  Nonvolatile Timekeeping RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1642-100 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1642-100 Datasheet HTML 1Page - Dallas Semiconductor DS1642-100 Datasheet HTML 2Page - Dallas Semiconductor DS1642-100 Datasheet HTML 3Page - Dallas Semiconductor DS1642-100 Datasheet HTML 4Page - Dallas Semiconductor DS1642-100 Datasheet HTML 5Page - Dallas Semiconductor DS1642-100 Datasheet HTML 6Page - Dallas Semiconductor DS1642-100 Datasheet HTML 7Page - Dallas Semiconductor DS1642-100 Datasheet HTML 8Page - Dallas Semiconductor DS1642-100 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS1642
3 of 11
SETTING THE CLOCK
The 8th bit of the control register is the write bit. Setting the write bit to a 1, like the read bit, halts
updates to the DS1642 registers. The user can then load them with the correct day, date and time data in
24-hour BCD format. Resetting the write bit to a 0 then transfers those values to the actual clock counters
and allows normal operation to resume.
STOPPING AND STARTING THE CLOCK OSCILLATOR
The clock oscillator may be stopped at any time. To increase the shelf life, the oscillator can be turned off
to minimize current drain from the battery. The OSC bit is the MSB for the seconds registers. Setting it to
a 1 stops the oscillator.
FREQUENCY TEST BIT
Bit 6 of the day byte is the frequency test bit. When the frequency test bit is set to logic 1 and the
oscillator is running, the LSB of the seconds register will toggle at 512 Hz. When the seconds register is
being read, the DQ0 line will toggle at the 512 Hz frequency as long as conditions for access remain valid
(i.e., CE low, and OE low) and address for seconds register remain valid and stable.
CLOCK ACCURACY
The DS1642 is guaranteed to keep time accuracy to within
±1 minute per month at 25°C. The clock is
calibrated at the factory by Dallas Semiconductor using special calibration nonvolatile tuning elements.
The DS1642 does not require additional calibration and temperature deviations will have a negligible
effect in most applications. For this reason, methods of field clock calibration are not available and not
necessary.
DS1642 REGISTER MAP – BANK1 Table 2
DATA
ADDRESS
B7
B6
B5
B4
B3
B2
B1
B0
FUNCTION
7FF
-
-
-
-
-
-
-
-
YEAR
00-99
7FE
X
X
X
-
-
-
-
-
MONTH
01-12
7FD
X
X
-
-
-
-
-
-
DATE
01-31
7FC
X
FT
X
X
X
-
-
-
DAY
00-23
7FB
X
X
-
-
-
-
-
-
HOUR
00-59
7FA
X
-
-
-
-
-
-
-
MINUTES
00-59
7F9
OSC
-
-
-
-
-
-
-
SECONDS
00-59
7F8
W
R
X
X
X
X
X
X
CONTROL
A
OSC
= STOP BIT
R = READ BIT
FT = FREQUENCY TEST
W = WRITE BIT
X = UNUSED
NOTE:
All indicated “X” bits are not dedicated to any particular function and can be used as normal RAM bits.


Similar Part No. - DS1642-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1642-100 MAXIM-DS1642-100 Datasheet
145Kb / 13P
   Nonvolatile Timekeeping RAM
Rev 5/10
logo
ARTSCHIP ELECTRONICS CO...
DS1642-100 ARTSCHIP-DS1642-100 Datasheet
221Kb / 8P
   Nonvolatile Timekeeping RAM
More results

Similar Description - DS1642-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
DS1646-120 MAXIM-DS1646-120 Datasheet
204Kb / 13P
   Nonvolatile Timekeeping RAM
Rev 10/10
logo
ARTSCHIP ELECTRONICS CO...
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1644LPM DALLAS-DS1644LPM Datasheet
108Kb / 11P
   Nonvolatile Timekeeping RAM?
DS1647 DALLAS-DS1647 Datasheet
187Kb / 11P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com