Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH12-6S-0.5SH Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FH12-6S-0.5SH
Description  0.5mm and 1mm Pitch Connectors For FPC/FFC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FH12-6S-0.5SH Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FH12-6S-0.5SH Datasheet HTML 1Page - List of Unclassifed Manufacturers FH12-6S-0.5SH Datasheet HTML 2Page - List of Unclassifed Manufacturers FH12-6S-0.5SH Datasheet HTML 3Page - List of Unclassifed Manufacturers FH12-6S-0.5SH Datasheet HTML 4Page - List of Unclassifed Manufacturers FH12-6S-0.5SH Datasheet HTML 5Page - List of Unclassifed Manufacturers FH12-6S-0.5SH Datasheet HTML 6Page - List of Unclassifed Manufacturers FH12-6S-0.5SH Datasheet HTML 7Page - List of Unclassifed Manufacturers FH12-6S-0.5SH Datasheet HTML 8Page - List of Unclassifed Manufacturers FH12-6S-0.5SH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Note 1 : The coplanarity of each terminal lead within specified dimension is 0.1 mm Max.
Note 2 : Packaged on tape and reel only. Check packaging specification.
Note 3 : Slight variations in color of the plastic compounds do not affect form, fit or function of the connector.
Note 4 : After reflow, the terminal plating may change color, however this does not represent a quality issue.
5
FH12 Seriesq0.5mm and 1mm Pitch Connectors For FPC/FFC
Note 1 : Embossed tape reel packaging (2,000 pieces/reel).
Order by number of reels.
Note 2 : Indicates the specification. For details, please refer to the column "composition of product number".
D
Unit:mm
CL No.
Part Number
586-0667-6-**
586-0640-0-**
586-0665-0-**
586-0642-5-**
586-0691-0-**
FH12S-30S-0.5SH(**)
FH12S-40S-0.5SH(**)
FH12S-45S-0.5SH(**)
FH12S-50S-0.5SH(**)
FH12S-53S-0.5SH(**)
Number of Contacts
30
40
45
50
53
A
B
14.5
19.5
22.0
24.5
26.0
18.1
23.1
25.6
28.1
29.6
C
19.1
24.1
26.6
29.1
30.6
15.57
20.57
23.07
25.57
27.07
s0.5mm Pitch Bottom Contact Type with Strengthened Flip-lock Actuator
FPC/FFC Contact Surface
Mated Cross-sectional Diagram
C
B
0.2
0.5
A
2.1
3.1
1.3
D
4.6
5.6
()
()
()
()
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH12-6S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-6S-0.5SH ETC2-FH12-6S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-6S-0.5SH55 HIROSE-FH12-6S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results

Similar Description - FH12-6S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH52 HIROSE-FH52 Datasheet
603Kb / 20P
   0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
JST Mfg. Co., Ltd.
FWG JST-FWG Datasheet
251Kb / 4P
   0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com