Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1631 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1631
Description  256k NV SRAM with Phantom Clock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1631 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1631 Datasheet HTML 1Page - Dallas Semiconductor DS1631 Datasheet HTML 2Page - Dallas Semiconductor DS1631 Datasheet HTML 3Page - Dallas Semiconductor DS1631 Datasheet HTML 4Page - Dallas Semiconductor DS1631 Datasheet HTML 5Page - Dallas Semiconductor DS1631 Datasheet HTML 6Page - Dallas Semiconductor DS1631 Datasheet HTML 7Page - Dallas Semiconductor DS1631 Datasheet HTML 8Page - Dallas Semiconductor DS1631 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DS1244/DS1244P
4 of 19
the CE and OE control of the phantom clock starts the pattern recognition sequence by moving a pointer
to the first bit of the 64-bit comparison register. Next, 64 consecutive write cycles are executed using the
CE
and WE control of the SmartWatch. These 64 write cycles are used only to gain access to the
phantom clock. Therefore, any address to the memory in the socket is acceptable. However, the write
cycles generated to gain access to the phantom clock are also writing data to a location in the mated
RAM. The preferred way to manage this requirement is to set aside just one address location in RAM as a
phantom clock scratch pad. When the first write cycle is executed, it is compared to bit 0 of the 64-bit
comparison register. If a match is found, the pointer increments to the next location of the comparison
register and awaits the next write cycle. If a match is not found, the pointer does not advance and all
subsequent write cycles are ignored. If a read cycle occurs at any time during pattern recognition, the
present sequence is aborted and the comparison register pointer is reset. Pattern recognition continues for
a total of 64 write cycles as described above until all the bits in the comparison register have been
matched (Figure 1). With a correct match for 64 bits, the phantom clock is enabled and data transfer to or
from the timekeeping registers can proceed. The next 64 cycles will cause the phantom clock to either
receive or transmit data on DQ0, depending on the level of the OE pin or the WE pin. Cycles to other
locations outside the memory block can be interleaved with CE cycles without interrupting the pattern
recognition sequence or data transfer sequence to the phantom clock.
PHANTOM CLOCK REGISTER INFORMATION
The phantom clock information is contained in eight registers of 8 bits, each of which is sequentially
accessed 1 bit at a time after the 64-bit pattern recognition sequence has been completed. When updating
the phantom clock registers, each register must be handled in groups of 8 bits. Writing and reading
individual bits within a register could produce erroneous results. These read/write registers are defined in
Figure 2.
Data contained in the phantom clock register is in binary coded decimal (BCD) format. Reading and
writing the registers is always accomplished by stepping through all eight registers, starting with bit 0 of
register 0 and ending with bit 7 of register 7.


Similar Part No. - DS1631

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1631 NSC-DS1631 Datasheet
153Kb / 8P
   CMOS Dual Peripheral Drivers
logo
Dallas Semiconductor
DS1631 DALLAS-DS1631 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631 Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
logo
Texas Instruments
DS1631 TI1-DS1631 Datasheet
403Kb / 10P
[Old version datasheet]   CMOS Dual Peripheral Drivers
logo
Maxim Integrated Produc...
DS1631++ MAXIM-DS1631+ Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
More results

Similar Description - DS1631

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1244Y DALLAS-DS1244Y Datasheet
94Kb / 12P
   256K NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1244 MAXIM-DS1244 Datasheet
644Kb / 20P
   256K NV SRAM with Phantom Clock
Rev 11/11
logo
ARTSCHIP ELECTRONICS CO...
DS1243Y ARTSCHIP-DS1243Y Datasheet
309Kb / 11P
   NV SRAM with Phantom Clock
DS1248 ARTSCHIP-DS1248 Datasheet
358Kb / 15P
   NV SRAM with Phantom Clock
DS1251 ARTSCHIP-DS1251 Datasheet
586Kb / 18P
   NV SRAM with Phantom Clock
DS1244 ARTSCHIP-DS1244 Datasheet
446Kb / 16P
   NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1243Y MAXIM-DS1243Y Datasheet
521Kb / 14P
   64K NV SRAM with Phantom Clock
Rev 11/11
logo
Dallas Semiconductor
DS1251 DALLAS-DS1251 Datasheet
291Kb / 22P
   4096k NV SRAM with Phantom Clock
DS1243Y DALLAS-DS1243Y Datasheet
349Kb / 13P
   64K NV SRAM with Phantom Clock
DS1251Y DALLAS-DS1251Y Datasheet
93Kb / 12P
   4096K NV SRAM with Phantom Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com