Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1629 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part No. DS1629
Description  2-Wire Digital Thermometer and Real Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo 

DS1629 Datasheet(HTML) 1 Page - Dallas Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1 of 22
102299
FEATURES
§ Measures temperatures from -55°C to
+125°C; Fahrenheit equivalent is -67°F to
257°F
§ Real time clock counts seconds, minutes,
hours, date of the month, month, day of the
week, and year with leap year compensation
through the year 2100
§ Thermometer accuracy is ±2.0°C (typ)
§ Thermometer resolution is 9 bits (expandable)
§ Thermostatic and time alarm settings are user
definable. Dedicated open-drain Alarm output
§ 32 bytes SRAM for general data storage
§ Data is read from/written to via a 2-wire serial
interface. (open drain I/O lines)
§ Wide power supply range (2.2V - 5.5V)
§ Applications include personal
computers/PDAs, cellular telephones, office
equipment, dataloggers, or any thermally
sensitive system
§ 8-pin 150mil SOIC package
PIN ASSIGNMENT
PIN DESCRIPTION
SDA
- 2-Wire Serial Data Input/Output
SCL
- 2-Wire Serial Clock
GND
- Ground
ALRM
- Thermostat & Clock Alarm
Output
X1
- 32.768 kHz Crystal Input
X2
- 32.768 kHz Crystal Feedback
Output
OSC
- Buffered Oscillator Output
VDD
- Power Supply Voltage (+2.2V to
+5V)
DESCRIPTION
The DS1629 2-Wire Digital Thermometer and Real Time Clock integrates the critical functions of a real
time clock and a temperature monitor in a small outline 8-pin SOIC package. Communication to the
DS1629 is accomplished via a 2-wire interface. The wide power supply range and minimal power
requirement of the DS1629 allow for accurate time/temperature measurements in battery-powered
applications.
The digital thermometer provides 9-bit temperature readings which indicate the temperature of the device.
No additional components are required; the device is truly a “temperature-to-digital” converter.
The clock/calendar provides seconds, minutes, hours, day, date of the month, day of the week, month, and
year. The end of the month date is automatically adjusted for months with less than 31 days, including
corrections for leap years. It operates in either a 12- or 24-hour format with AM/PM indicator in 12-hour
mode.The crystal oscillator frequency is internally divided, as specified by device configuration. An
open-drain output is provided that can be used as the oscillator input for a microcontroller.
DS1629
2-Wire Digital Thermometer
and Real Time Clock
www.dalsemi.com
1
2
3
4
8
7
6
5
GND
ALRM
SCL
SDA
VDD
OSC
X1
X2
DS1629S 8-Pin SOIC
(150-mil)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn