Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM5303QP Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # EM5303QP
Description  5V/12V Synchronous Buck PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

EM5303QP Datasheet(HTML) 6 Page - Cystech Electonics Corp.

Back Button EM5303QP Datasheet HTML 2Page - Cystech Electonics Corp. EM5303QP Datasheet HTML 3Page - Cystech Electonics Corp. EM5303QP Datasheet HTML 4Page - Cystech Electonics Corp. EM5303QP Datasheet HTML 5Page - Cystech Electonics Corp. EM5303QP Datasheet HTML 6Page - Cystech Electonics Corp. EM5303QP Datasheet HTML 7Page - Cystech Electonics Corp. EM5303QP Datasheet HTML 8Page - Cystech Electonics Corp. EM5303QP Datasheet HTML 9Page - Cystech Electonics Corp. EM5303QP Datasheet HTML 10Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C551QP
Issued Date : 2010.10.25
Revised Date :
Page No. : 6/12
EM5303QP
CYStek Product Specification
Typical Operating Characteristics
Power On Waveform
Turn On from EN
VIN=12V,VOUT=1.2V,COUT=1000uF,No Load. VIN=12V,VOUT=1.2V,COUT=1000uF,No Load.
Turn Off from EN
Switching Waveforms: UGATE Turn On
VIN=12V,VOUT=1.2V,COUT=1000uF,IOUT=6A.
VIN=12V,IOUT=10A
Switching Waveforms: UGATE Turn Off
Power Sequencing Operation
VIN=12V,IOUT=10A
VCC =12V Ready,VOUT = 1.2V, COUT = 1000uF,
No Load.
VEN
VOUT
Phase
ILx
VIN
VOUT
Phase
ILx
VOUT
VEN
Phase
ILx
UGATE
PHASE
UGATE - PHASE
LGATE
UGATE
PHASE
Phase
LGATE
VIN
VOUT
Phase


Similar Part No. - EM5303QP

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
EM5303A EXCELLIANCE-EM5303A Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
EM5303AGE EXCELLIANCE-EM5303AGE Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
EM5303GE EXCELLIANCE-EM5303GE Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
More results

Similar Description - EM5303QP

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
   5V/12V Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
   5V/12V Synchronous Buck PWM DC/DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Excelliance MOS Corp.
EM5301F EXCELLIANCE-EM5301F Datasheet
487Kb / 12P
   12V Synchronous Buck PWM Controller
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
   5V/12V Synchronous Buck PWM Controller with Reference Input
logo
Maxim Integrated Produc...
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com