Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1624 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1624
Description  Digital Thermometer and Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1624 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1624 Datasheet HTML 8Page - Dallas Semiconductor DS1624 Datasheet HTML 9Page - Dallas Semiconductor DS1624 Datasheet HTML 10Page - Dallas Semiconductor DS1624 Datasheet HTML 11Page - Dallas Semiconductor DS1624 Datasheet HTML 12Page - Dallas Semiconductor DS1624 Datasheet HTML 13Page - Dallas Semiconductor DS1624 Datasheet HTML 14Page - Dallas Semiconductor DS1624 Datasheet HTML 15Page - Dallas Semiconductor DS1624 Datasheet HTML 16Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DS1624
13 of 16
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
2.7
5.0
5.5
V
1
DC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD=2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
±½
Thermometer Error
TERR
0°C to 70°C
-55°C to +0°C
and +70°C to
+125°C
See Typical Curve
°C
10
Low Level Input Voltage
VIL
-0.5
0.3VDD
V
High Level Input Voltage
VIH
0.7VDD
VDD+
0.5
V
Pulse width of spikes
which must be
suppressed by the input
filter
tSP
Fast Mode
0
50
ns
VOL1
3 mA sink
current
0
0.4
V
Low Level Output
Voltage
VOL2
6 mA sink
current
0
0.6
V
Input Current each I/O
pin
0.4<VI/O
<0.9VDD
-10
+10
µA
2
I/O Capacitance
CI/O
10
pF
Temperature
Coversion
1000
E
2 Write
400
µA
3, 4
Active Supply Current
ICC
Communica-
tion Only
100
Standby Supply Current
ISTBY
1
3
µA
3, 4


Similar Part No. - DS1624

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1624 MAXIM-DS1624 Datasheet
678Kb / 20P
   Digital Thermometer and Memory
Rev 5/12
DS1624++ MAXIM-DS1624+ Datasheet
678Kb / 20P
   Digital Thermometer and Memory
Rev 5/12
DS1624++ MAXIM-DS1624+ Datasheet
423Kb / 14P
   Digital Thermometer and Memory
2015
DS1624S++ MAXIM-DS1624S+ Datasheet
678Kb / 20P
   Digital Thermometer and Memory
Rev 5/12
DS1624S++ MAXIM-DS1624S+ Datasheet
423Kb / 14P
   Digital Thermometer and Memory
2015
More results

Similar Description - DS1624

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1624 MAXIM-DS1624 Datasheet
678Kb / 20P
   Digital Thermometer and Memory
Rev 5/12
DS1624 MAXIM-DS1624_V01 Datasheet
423Kb / 14P
   Digital Thermometer and Memory
2015
DS1621 MAXIM-DS1621_V01 Datasheet
525Kb / 16P
   Digital Thermometer and
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505 Datasheet
148Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 3/08
logo
Dallas Semiconductor
DS1621 DALLAS-DS1621 Datasheet
647Kb / 16P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75 MAXIM-DS75 Datasheet
630Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 2/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com