Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1615S Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1615S
Description  Temperature Recorder
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1615S Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1615S Datasheet HTML 1Page - Dallas Semiconductor DS1615S Datasheet HTML 2Page - Dallas Semiconductor DS1615S Datasheet HTML 3Page - Dallas Semiconductor DS1615S Datasheet HTML 4Page - Dallas Semiconductor DS1615S Datasheet HTML 5Page - Dallas Semiconductor DS1615S Datasheet HTML 6Page - Dallas Semiconductor DS1615S Datasheet HTML 7Page - Dallas Semiconductor DS1615S Datasheet HTML 8Page - Dallas Semiconductor DS1615S Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1 of 24
052400
FEATURES
Digital thermometer measures temperature
-40
°C to +85°C in 0.5°C increments (-40°F
to +183.2
°F in 0.9°F increments)
Digital thermometer provides
±2°C accuracy
Real Time Clock/Calendar in BCD format
counts seconds, minutes, hours, date, month,
day of the week, and year with leap year
compensation (Y2K compatible)
Automatically wakes up and measures
temperature at user-programmable intervals
from 1 to 255 minutes
Logs up to 2048 consecutive temperature
measurements in read-only nonvolatile
memory
Records long-term temperature histogram in
63 bins with 2.0
°C resolution
Programmable temperature-high and
temperature-low alarm trip points
Two serial interface options: synchronous and
asynchronous
- 3-wire synchronous serial interface
- Asynchronous serial interface compatible
with standard UARTs
Memory partitioned into 32-byte pages for
packetizing data
On-chip 16-bit CRC generator to safeguard
data read operations in asynchronous
communications mode
Unique, factory lasered and tested 64-bit
serial number
PIN ASSIGNMENT
PIN DESCRIPTION
Vbat
- Battery Supply
X1
- Crystal Input
X2
- Crystal Output
NC
- No Connect
INSPEC
- In-specification Output
OUTSPEC
- Out-of-specification Output
INT
- Interrupt Output
GND
- Ground
ST
- Start/Status Input
RST
- 3-wire Reset Input
I/O
- 3-wire Input/Output
SCLK
- 3-wire Clock Input
TX
- Transmit Output
RX
- Receive Input
COMSEL
- Communication Select
VCC
- +5V Supply
DS1615
Temperature Recorder
www.dalsemi.com
VCC
COMSEL
RX
TX
SCLK
I/O
RST
ST
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VBAT
X1
X2
NC
INSPEC
OUTSPEC
INT
GND
DS1615 16-Pin DIP
DS1615S 16-Pin SOIC (300 mil)
Top View
BUMP 1
BUMP 5
BUMP 17
BUMP 21
DS1615X Flip Chip Package
Bottom View


Similar Part No. - DS1615S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1615S MAXIM-DS1615S Datasheet
323Kb / 24P
   Temperature Recorder
122800
More results

Similar Description - DS1615S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1615 MAXIM-DS1615 Datasheet
323Kb / 24P
   Temperature Recorder
122800
logo
Extech Instruments Corp...
RH520 EXTECH-RH520 Datasheet
389Kb / 15P
   Humidity-Temperature Chart Recorder
logo
TT Electronics.
DS7001 TTELEC-DS7001 Datasheet
369Kb / 3P
   Nanodac Recorder
logo
M-System Co.,Ltd.
MSRPAC10 MSYSTEM-MSRPAC10 Datasheet
1,020Kb / 10P
   PC Recorder Series PC RECORDER SOFTWARE PACKAGE
logo
Fuji Electric
EDS10-75J FUJI-EDS10-75J Datasheet
772Kb / 12P
   PAPERLESS RECORDER
EDS10-77E FUJI-EDS10-77E Datasheet
606Kb / 8P
   PAPERLESS RECORDER
EDS10-79C FUJI-EDS10-79C Datasheet
829Kb / 12P
   PAPERLESS RECORDER
logo
M-System Co.,Ltd.
TR30 MSYSTEM-TR30 Datasheet
489Kb / 8P
   Paperless Recorder TR30 Series PAPERLESS RECORDER
logo
Maxim Integrated Produc...
DS1616 MAXIM-DS1616 Datasheet
308Kb / 28P
   Temperature and Three-Input Muxed 8-Bit Data Recorder
081902
logo
List of Unclassifed Man...
ISD1820 ETC2-ISD1820 Datasheet
298Kb / 5P
   Voice Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com