Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAN217S6R Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # DAN217S6R
Description  High ?뱒peed multi-chip diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DAN217S6R Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  DAN217S6R Datasheet HTML 1Page - Cystech Electonics Corp. DAN217S6R Datasheet HTML 2Page - Cystech Electonics Corp. DAN217S6R Datasheet HTML 3Page - Cystech Electonics Corp. DAN217S6R Datasheet HTML 4Page - Cystech Electonics Corp. DAN217S6R Datasheet HTML 5Page - Cystech Electonics Corp. DAN217S6R Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C328S6
Issued Date : 2009.11.23
Revised Date :
Page No. : 6/6
DAN217S6R
CYStek Product Specification
SOT-363 Dimension
Marking:
6-Lead SOT-363R Plastic
Surface Mounted Package
CYStek Package Code: S6R
Style:
Pin 1. Anode1 (A1)
Pin 2. Cathode1 (C1)
Pin 3. Anode/Cathode 2 (AC2)
Pin 4. Anode2 (A2)
Pin 5. Cathode2 (C2)
Pin 6. Anode/Cathode 1 (AC1)
Device
Code
K52
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.900
1.100
0.035
0.043
E1
2.150
2.450
0.085
0.096
A1
0.000
0.100
0.000
0.004
e
0.650 TYP
0.026 TYP
A2
0.900
1.000
0.035
0.039
e1
1.200
1.400
0.047
0.055
b
0.150
0.350
0.006
0.014
L
0.525 REF
0.021 REF
c
0.080
0.150
0.003
0.006
L1
0.260
0.460
0.010
0.018
D
2.000
2.200
0.079
0.087
θ
E
1.150
1.350
0.045
0.053
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - DAN217S6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DAN217S3 CYSTEKEC-DAN217S3 Datasheet
118Kb / 4P
   HIGH-SPEED SWITCHING DIODE
More results

Similar Description - DAN217S6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS16N3 CYSTEKEC-BAS16N3 Datasheet
229Kb / 6P
   High ?뱒peed switching diode
BAV99C3 CYSTEKEC-BAV99C3 Datasheet
259Kb / 6P
   High ?뱒peed double diode
1SS355S2 CYSTEKEC-1SS355S2 Datasheet
226Kb / 6P
   High ?뱒peed switching diode
BAS299N3 CYSTEKEC-BAS299N3 Datasheet
347Kb / 7P
   High ?뱒peed double diode
logo
Rohm
1SR124-400A ROHM-1SR124-400A Datasheet
109Kb / 2P
   High?뱒peed rectifier diode
logo
Cystech Electonics Corp...
MMBD5148N3 CYSTEKEC-MMBD5148N3 Datasheet
258Kb / 6P
   High ?뱒peed double diode
BAV99S3 CYSTEKEC-BAV99S3 Datasheet
255Kb / 6P
   High ?뱒peed double diode
logo
SeCoS Halbleitertechnol...
BAS16TW SECOS-BAS16TW Datasheet
566Kb / 2P
   Multi-Chip Switching Diode Array
logo
Weitron Technology
MMBD4448HAQW WEITRON-MMBD4448HAQW Datasheet
2Mb / 4P
   Surface Mount Switching Multi-Chip Diode Array
BAS16TDW WEITRON-BAS16TDW Datasheet
335Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com