Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTK24BC16Q8 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # CTK24BC16Q8
Description  2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CTK24BC16Q8 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  CTK24BC16Q8 Datasheet HTML 1Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 2Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 3Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 4Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 5Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 6Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 7Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 8Page - Cystech Electonics Corp. CTK24BC16Q8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C705Q8
Issued Date : 2007.08.22
Revised Date :
Page No. : 5/12
CTK24BC01-16Q8
CYStek Product Specification
AC Characteristics(Cont.)
Applicable over recommended operating range: TA=-40~+85℃, VCC=+1.8V~+5.0V, CL=1TTL Gate & 100pF(unless otherwise noted)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Stop Setup Time
tSU.STO
VCC=1.8V
VCC=2.7~5.5V
4.7
0.6
-
-
μs
Data out Hold Time
tDH
VCC=1.8V
VCC=2.7~5.5V
100
50
-
-
ns
Write Cycle Time
tWR
VCC=1.8V
VCC=2.7~5.5V
-
-
5
5
ms
5.0V, 25℃, Byte Mode
Endurance
(Note 1)
VCC=1.8V
VCC=2.7~5.5V
1M
1M
-
-
Write
Cycles
Note: 1. This parameter is characterized and not 100% tested.
Device Operation
Clock and Data Transitions: Transitions on the SDA pin should only occur when SCL is low(refer to the
Data Validity timing diagram in Figure 3). If the SDA pin changes when SCL is high, then the transition
will be interpreted as a START or STOP condition.
START Condition: A START condition occurs when the SDA transitions from high to low when SCL is
high. The START signal is usually used to initiate a command(refer to the START and STOP definition
timing diagram in Fig 4)
STOP Condition: A STOP condition occurs when the SDA transitions from low to high when SCL is high.
(refer to the START and STOP definition timing diagram in Fig 4) The STOP command will put the device
into standby mode after no acknowledgement is issued during the read sequence.
Acknowledge: An acknowledgement is sent by pulling the SDA low to confirm that a word has been
successfully received. All addresses and data words are serially transmitted to and from the EEPROM in
8-bit words, so acknowledgements are usually issued during the 9th clock cycle.
Standby Mode: Standby mode is entered when the chip is initially powered-on or after a STOP command
has been issued and any internal operations have been completed.
Memory Reset: In the event of unexpected power or connection loss, a START condition can be issued to
restart the input command sequence. If the device is currently in write cycle mode, this command will be
ignored.


Similar Part No. - CTK24BC16Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CTK24BC16P8 CYSTEKEC-CTK24BC16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results

Similar Description - CTK24BC16Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com