Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTK24BC08Q8 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # CTK24BC08Q8
Description  2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CTK24BC08Q8 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  CTK24BC08Q8 Datasheet HTML 1Page - Cystech Electonics Corp. CTK24BC08Q8 Datasheet HTML 2Page - Cystech Electonics Corp. CTK24BC08Q8 Datasheet HTML 3Page - Cystech Electonics Corp. CTK24BC08Q8 Datasheet HTML 4Page - Cystech Electonics Corp. CTK24BC08Q8 Datasheet HTML 5Page - Cystech Electonics Corp. CTK24BC08Q8 Datasheet HTML 6Page - Cystech Electonics Corp. CTK24BC08Q8 Datasheet HTML 7Page - Cystech Electonics Corp. CTK24BC08Q8 Datasheet HTML 8Page - Cystech Electonics Corp. CTK24BC08Q8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C705Q8
Issued Date : 2007.08.22
Revised Date :
Page No. : 1/12
CTK24BC01-16Q8
CYStek Product Specification
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8
Description
The CTK24BC family provides 1K, 2K, 4K, 8K and 16K of serial electrically erasable and programmable
read-only memory (EEPROM). The wide Vdd range allows for low-voltage operation down to 1.8V. The
device, fabricated using traditional CMOS EEPROM technology, is optimized for many industrial and
commercial applications where low-voltage and low-power operation is essential. The device is accessed
via a 2-wire serial interface.
Features
• Internally organized as 128×8(1K), 256×8(2K)
• 100kHz(1.8V)& 400kHz(5V) compatibility
512×8(4K), 1024×8(8K), 2048×8(16K)
• Bi-directional data transfer protocol
• Low-voltage and standard-voltage operation :
• Self-timed write cycle (5ms max)
1.8~5.5V
• Write protect pin for hardware data protection
• 2-wire serial interface bus
• 8-byte page (1K, 2K) and 16-byte page (4K, 8K, 16K)
• Date retention : 100 years
write modes
• High endurance : 1,000,000 write cycles
• Allows for partial page write
Absolute Maximum Ratings
Parameter
Ratings
Unit
Voltage on any pin with respect to ground
-0.8 to VCC+1.5
V
Maximum operating voltage
6.25
V
DC output current
5.0
mA
Operating temperature range
-55 ~ +125
Storage temperature range
-65 ~ +150
Note: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of these specifications are not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.


Similar Part No. - CTK24BC08Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CTK24BC08P8 CYSTEKEC-CTK24BC08P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results

Similar Description - CTK24BC08Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com